Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 67 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 63Page - Texas Instruments LP87702 Datasheet HTML 64Page - Texas Instruments LP87702 Datasheet HTML 65Page - Texas Instruments LP87702 Datasheet HTML 66Page - Texas Instruments LP87702 Datasheet HTML 67Page - Texas Instruments LP87702 Datasheet HTML 68Page - Texas Instruments LP87702 Datasheet HTML 69Page - Texas Instruments LP87702 Datasheet HTML 70Page - Texas Instruments LP87702 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 99 page
background image
8.6.1.1.33 INT_TOP_1 Register (Offset = 20h) [reset = 0h]
INT_TOP_1 is shown in Figure 8-51 and described in Table 8-43.
Return to Table 8-9.
Figure 8-51. INT_TOP_1 Register
7
6
5
4
3
2
1
0
I_MEAS_INT
DIAG_INT
BOOST_INT
BUCK_INT
SYNC_CLK_IN
T
TDIE_SD_INT
TDIE_WARN_I
NT
OVP_INT
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
R-0h
Table 8-43. INT_TOP_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
I_MEAS_INT
R
0h
Latched status bit indicating that the load current measurement
result is available in I_LOAD_1 and I_LOAD_2 registers.
Write 1 to clear interrupt.
6
DIAG_INT
R
0h
Interrupt indicating that INT_DIAG register has a pending interrupt.
The reason for the interrupt is indicated in INT_DIAG register.
This bit is cleared automatically when INT_DIAG register is cleared
to 0x00.
5
BOOST_INT
R
0h
Interrupt indicating that BOOST have a pending interrupt. The
reason for the interrupt is indicated in INT_BOOST register.
This bit is cleared automatically when INT_BOOST register is
cleared to 0x00.
4
BUCK_INT
R
0h
Interrupt indicating that BUCK0 or BUCK1 have a pending interrupt.
The reason for the interrupt is indicated in INT_BUCK register.
This bit is cleared automatically when INT_BUCK register is cleared
to 0x00.
3
SYNC_CLK_INT
R
0h
Latched status bit indicating that the external clock frequency
became valid or invalid.
Write 1 to clear interrupt.
2
TDIE_SD_INT
R
0h
Latched status bit indicating that the die junction temperature has
exceeded the thermal shutdown level. The converters have been
disabled if they were enabled. The converters cannot be enabled if
this bit is active. The actual status of the thermal warning is indicated
by TDIE_SD_STAT bit in TOP_STATUS register.
Write 1 to clear interrupt. Clearing TSD interrupt automatically re-
enables converters. Clearing this interrupt will also clear thermal
warning status.
1
TDIE_WARN_INT
R
0h
Latched status bit indicating that the die junction temperature has
exceeded the thermal warning level. The actual status of the thermal
warning is indicated by TDIE_WARN_STAT bit in TOP_STATUS
register.
Write 1 to clear interrupt.
0
OVP_INT
R
0h
Latched status bit indicating that the input voltage has exceeded the
over-voltage detection level. The actual status of the over-voltage is
indicated by OVP bit in TOP_STATUS register.
Write 1 to clear interrupt.
8.6.1.1.34 INT_TOP_2 Register (Offset = 21h) [reset = 0h]
INT_TOP_2 is shown in Figure 8-52 and described in Table 8-44.
Return to Table 8-9.
Figure 8-52. INT_TOP_2 Register
7
6
5
4
3
2
1
0
RESERVED
RESET_REG_I
NT
www.ti.com
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com