Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87702 Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 79 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 75Page - Texas Instruments LP87702 Datasheet HTML 76Page - Texas Instruments LP87702 Datasheet HTML 77Page - Texas Instruments LP87702 Datasheet HTML 78Page - Texas Instruments LP87702 Datasheet HTML 79Page - Texas Instruments LP87702 Datasheet HTML 80Page - Texas Instruments LP87702 Datasheet HTML 81Page - Texas Instruments LP87702 Datasheet HTML 82Page - Texas Instruments LP87702 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 99 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The LP87702-Q1 is a power-management unit including a boost converter, two step-down converters, and three
general-purpose digital output signals.
9.2 Typical Application
SW_B0
VIN_B0
VIN_B1
VANA
VIN
FB_B0
VOUT0
LOAD
SDA (EN3)
SCL (EN2)
nINT
CLKIN (GPO2)
GNDs
EN1
SW_B1
FB_B1
VOUT1
PG0
VMON1
VMON2
PG1 (GPO1)
WDI
WD_RESET
SW_BST
VOUT_BST
VOUT2
LOAD
LOAD
GPO0
NRST
Copyright © 2017, Texas Instruments Incorporated
L0
L1
COUT0
COUT1
COUT2
CIN0
CIN1
CANA
L2
Figure 9-1. LP87702-Q1 Typical Application
9.2.1 Design Requirements
Table 9-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
3.3 V
Output voltages
1.8 V, 1.24 V, 5 V
Switching frequency
4 MHz
9.2.2 Detailed Design Procedure
The performance of the LP87702-Q1 device depends greatly on the care taken in designing the printed circuit
board (PCB). The use of low-inductance and low serial-resistance ceramic capacitors is strongly recommended,
while proper grounding is crucial. Attention should be given to decoupling the power supplies. Decoupling
capacitors must be connected close to the device and between the power and ground pins to support high
peak currents being drawn from the system power rail while turning on the switching MOSFETs. Keep input and
output traces as short as possible, because trace inductance, resistance, and capacitance can easily become
the performance limiting items. The separate buck converter power pins VIN_Bx are not connected together
internally. The VIN_Bx power connections shall be connected together outside the package using a power plane
construction.
www.ti.com
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
79
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com