Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V200Z-R Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # V200Z-R
Description  AIOT Wi-Fi/Bluetooth Combo Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V200Z-R Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button V200Z-R Datasheet HTML 11Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 12Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 13Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 14Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 15Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 16Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 17Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 18Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
V200Z-R
FN-LINK TECHNOLOGY LIMITED
15
6.3 GPIO MUX Mapping
Maximum source current 10mA for each IO and 50mA for total.
Output state can be configured as strong PU or PL, input state can be configured as high-Z, PU, PL or no pull.
All of them have interrupt function.
GPIO state will be low impedance input when the module is power off, so we do not suggest low level cathode
drive mode.
For detailed MUX mapping, please refer to below table.
7. Electrical Specifications
7.1 Absolute Maximum RatingsNote4
Symbol
Description
Min.
Typ.
Max.
Unit
TA
Ambient Temperature
-30
80
℃
VBAT
Supply Voltage
6
V
VIN
IO Input Voltage
-0.3
VDDIO+0.3
V
IIN
IO Input Current
-10
10
mA
VLNA
LNA Input Level
0
dBm
Note4: Stresses beyond those listed absolute maximum ratings may cause permanent damage to the device. These
are stress ratings only, and functional operations of the device at these or any other conditions beyond those
indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions
for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com