Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V200Z-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # V200Z-R
Description  AIOT Wi-Fi/Bluetooth Combo Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V200Z-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  V200Z-R Datasheet HTML 1Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 2Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 3Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 4Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 5Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 6Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 7Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 8Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
V200Z-R
FN-LINK TECHNOLOGY LIMITED
5
1. General Description
1.1 Introduction
V200Z-R is a highly integrated wireless module with voice & audio functions. It is based on BES2600
solution which features a Cortex-M33 Star dual-core MCU subsystem and a Cortex-A7 dual-core AP
subsystem. Both MCU and AP subsystem are able to run RTOS and user applications.
The module supports low power Wi-Fi 4 (1x1 802.11a/b/g/n dual-band) and Bluetooth 5.2 dual-mode (support
BT/BLE, LE Audio). Besides, it provides a high-performance on-board printing antenna to reduce the
complexity of hardware design.
V200Z-R also provides a voice & audio CODEC subsystem and a display subsystem with 2D graphics engine.
It supports MIPI DSI HD display up to HD (720P60), supports MIPI CSI Camera up to 2MPixel, and supports
microphone arrays with up to three analog microphones or six digital microphones for far-field voice
application. MCU subsystem runs Bluetooth upper protocol stack, and AP subsystem and 2D hardware
Graphics Engine can accelerate GUI & VUI, voice & audio processing and AI tasks.
This compact module is a perfect choice for smart appliance, smart panel, entrance guard and other smart
home applications.
1.2 Description
1.3 EVB information
Fn-Link provides a evaluation suite for the development and test of V200Z-R module. It includes an
evaluation board, a 4 inch LCD module, a camera Module and USB type-C cable.
Please contact Fn-Link sales for EVB documentation and ordering.
Model Name
V200Z-R
Product Description
Support Wi-Fi & Bluetooth, voice & audio, LCD & camera
Dimension
L x W x H: 28 x 20 x2.55 mm
Interface
USB2.0, UART, I2C, I2S, SDIO device, MIPI, PWM, GPIO
OS
RTOS, OpenHarmony
Operating temperature
-20°C to 80°C
Storage temperature
-30°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com