Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V200Z-R Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # V200Z-R
Description  AIOT Wi-Fi/Bluetooth Combo Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V200Z-R Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button V200Z-R Datasheet HTML 12Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 13Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 14Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 15Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 16Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 17Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 18Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 19Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
V200Z-R
FN-LINK TECHNOLOGY LIMITED
16
7.2 Operating Conditions
Symbol
Description
Min.
Typ.
Max.
Unit
TA
Ambient Temperature
-20
25
80
℃
VBAT
Supply Voltage
3.1
3.8
5.5
V
VIL
CMOS Low Level Input Voltage
0
0.3*VDDIONote5
V
VIH
CMOS High Level Input Voltage
0.7*VDDIO
VDDIO
V
VOL
IO Low level Output Voltage
0.1*VDDIO
V
VOH
IO High level Output Voltage
0.9*VDDIO
V
VTH
CMOS Threshold Voltage
0.5*VDDIO
V
Note5: VDDIO=3.3V by default.
7.3 Power consumption
Test Condition
State
Consumption Avg. (mA)
Throughput Tx
Throughput Rx
Throughput state
VBAT=3.8V
Standby
92
2.4G 11b 11M
375
172
2.4G 11g 54M
298
173
2.4G 11n HT20
275
160
2.4G 11n HT40
226
165
5.8G 11a 54M
279
173
5.8G 11n HT20
271
170
5.8G 11n HT40
222
172
Note6:Above consumption data are tested at Wi-Fi (STA mode) throughput state
with BT on. Moreover, a much higher current spike may occur while module initializing,
so please make sure IPEAK of VBAT supply is more than 1.5A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com