Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V200Z-R Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # V200Z-R
Description  AIOT Wi-Fi/Bluetooth Combo Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V200Z-R Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button V200Z-R Datasheet HTML 14Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 15Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 16Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 17Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 18Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 19Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 20Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 21Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
V200Z-R
FN-LINK TECHNOLOGY LIMITED
19
9. The Key Material List
Chipset
BES2600, BGA-169L, 6.6x6.8mm, Pitch 0.5mm
Bestechnic
PCB
V200Z-R, 28X20X0.8mm, 4L HDI, Matte black
Brain-power, KX-PCB, SL-PCB, Sunlord
Crystal
3225, 24MHz, 10ppm
TST,HOSONIC,TKD,ECEC,JWT
Inductor
2520, 2.2uH ,±20%
Sunlord, Cenke, Ceaiya, Microgate
Shielding
V200Z-R, Shielding cover, 18.5x18.6x1.7mm, T=0.2mm
Suntech, JLT
10. Recommended Reflow Profile
Referred to IPC/JEDEC standard.
Peak Temperature : <260°C
Number of Times : 2 times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com