Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V200Z-R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # V200Z-R
Description  AIOT Wi-Fi/Bluetooth Combo Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V200Z-R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button V200Z-R Datasheet HTML 4Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 5Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 6Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 7Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 8Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 9Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 10Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 11Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
V200Z-R
FN-LINK TECHNOLOGY LIMITED
8
(11a) @10% PER
- 54Mbps
PER @ -70 dBm
SISO Receive Sensitivity
(11n,20MHz) @10% PER
- MCS=0
PER @ -86 dBm
- MCS=7
PER @ -68 dBm
SISO Receive Sensitivity
(11n,40MHz) @10% PER
- MCS=0
PER @ -83 dBm
- MCS=7
PER @ -65 dBm
Maximum Input Level
802.11a : -20 dBm
802.11n : -20 dBm
1
5GHz(20MHz) Channel table
Band range
Operating Channel
Channel center frequency
(MHz)
5180MHz~5240MHz
36
5180
40
5200
44
5220
48
5240
5260MHz~5320MHz
52
5260
56
5280
60
5300
64
5320
5550MHz~5700MHz
100
5500
104
5520
108
5540
112
5560
116
5580
120
5600
124
5620
128
5640
132
5660
136
5680
140
5700
5745MHz~5825MHz
149
5745
153
5765
157
5785
161
5805
165
5825



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com