Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V200Z-R Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # V200Z-R
Description  AIOT Wi-Fi/Bluetooth Combo Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V200Z-R Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button V200Z-R Datasheet HTML 10Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 11Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 12Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 13Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 14Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 15Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 16Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 17Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
V200Z-R
FN-LINK TECHNOLOGY LIMITED
14
66
GPIO_02
I/O
GPIO, please refer to GPIO MUX Mapping for details
VDDIO
67
GPIO_06
I/O
GPIO, please refer to GPIO MUX Mapping for details
VDDIO
68
RESET
I
Hardware reset input, active high. Keep it > 2/3*VBAT for more than
250ms to achieve a reset.
VBAT
69
POWKEY
I
Hardware power on input, active high. Keep it > 2/3*VBAT for more
than 1ms (software configurable).
VBAT
70
ADC0
Analog
ADC channel 0 input, 10-bit, does not support interrupt function. Max.
measurable voltage 1.7V. Max. input voltage 2.5V.
71
ADC2
Analog ADC channel 2 input, 10-bit, does not support interrupt function. Max.
measurable voltage 1.7V. Max. input voltage 2.5V.
72
ADC1
Analog ADC channel 1 input, 10-bit, does not support interrupt function. Max.
measurable voltage 1.7V. Max. input voltage 2.5V.
73
GPIO_10
I/O
GPIO, please refer to GPIO MUX Mapping for details
VDDIO
74
GPIO_35
I/O
GPIO, please refer to GPIO MUX Mapping for details
VDDIO
75
NC
Please keep it floating
76
GPIO_25
I/O
GPIO, please refer to GPIO MUX Mapping for details
VDDIO
77
GPIO_22
I/O
GPIO, please refer to GPIO MUX Mapping for details
VDDIO
78
NC
Please keep it floating
79
UART_RX
I
UART0 input, for FW download and debug
VDDIO
80
UART_TX
O
UART0 output, for FW download and debug
VDDIO
81
LOUT_RP
Analog
Channel right differential drive output p port. It is recommended to
reserve filter circuit and ESD protector.
82
LOUT_RN
Analog
Channel right differential drive output n port. It is recommended to
reserve filter circuit and ESD protector.
83
LOUT_LN
Analog
Channel left differential drive output n port. It is recommended to
reserve filter circuit and ESD protector.
84
LOUT_LP
Analog
Channel left differential drive output p port. It is recommended to
reserve filter circuit and ESD protector.
85
GND
-
Ground connections
Note2: Use on-board antenna by default. Please contact Fn-Link if you prefer external antenna.
Note3: VDDIO = 3.3V by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com