Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V200Z-R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # V200Z-R
Description  AIOT Wi-Fi/Bluetooth Combo Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V200Z-R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button V200Z-R Datasheet HTML 2Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 3Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 4Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 5Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 6Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 7Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 8Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 9Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
V200Z-R
FN-LINK TECHNOLOGY LIMITED
6
2. Features
CPU
CMOS single-chip fully-integrated PMU, CODEC, RF, BB, MCU and AP subsystem
300MHz ARM Cortex-M33 Star dual-core MCU subsystem
1GHz ARM Cortex-A7 dual-core AP subsystem with NEON.
Shared 2MB SRAM, on-chip PSRAM and on-chip NOR flashNote1
Support TrustZone and secure boot
Wi-Fi / BT
2.4GHz & 5GHz dual-band Wi-Fi, 1T1R, compliant to IEEE 802.11a/b/g/n
Support 20MHz and 40MHz bandwidth
Bluetooth 5.2 dual-mode
Support BLE Mesh and LE audio
A2DP v1.3/AVRCP v1.5/HFP v1.6
Wi-Fi and Bluetooth co-existence
Audio
Hi-Fi Stereo Audio DAC and ADC
Far-field voice wake up
24bit audio processing
Support Acoustic Echo Cancellation
Support DSD-64/128/256 decode
Peripheral interfaces
MIPI Tx DSI and MIPI Rx CSI interface
USB2.0 HS Host or Device
4x UART interface, with flow control and configurable baud rate
50Mbps SPIx2, with serial LCD support
1.4Mbps I2C master x3
I2S/TDM
PWMx8
10-bit GPADC, 3 channels
Note1: Please refer to ordering information for detailed memory size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com