Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V200Z-R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # V200Z-R
Description  AIOT Wi-Fi/Bluetooth Combo Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V200Z-R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button V200Z-R Datasheet HTML 3Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 4Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 5Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 6Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 7Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 8Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 9Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 10Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
V200Z-R
FN-LINK TECHNOLOGY LIMITED
7
3. General Specification
3.1 Wi-Fi 2.4GHz Specification
Feature
Description
WLAN Standard
IEEE 802.11 b/g/n Wi-Fi compliant
Frequency Range
2.400GHz ~ 2.4835GHz (2.4GHz ISM Band)
Number of Channels
2.4GHz:Ch1 ~ Ch14
Test Items
Typical Value
EVM
Output Power
802.11b /11Mbps : 17 ± 2 dBm
EVM  -10dB
802.11g /54Mbps : 16 ± 2 dBm
EVM  -25dB
802.11n /MCS7 : 15 ± 2 dBm
EVM  -28dB
Spectrum Mask
Meet with IEEE standard
Freq. Tolerance
±
20ppm
SISO Receive Sensitivity
(11b) @8% PER
-
1Mbps
PER @ -95 dBm
- 11Mbps
PER @ -86 dBm
SISO Receive Sensitivity
(11g) @10% PER
-
6Mbps
PER @ -88 dBm
- 54Mbps
PER @ -73 dBm
SISO Receive Sensitivity
(11n,20MHz) @10% PER
- MCS=0
PER @ -88 dBm
- MCS=7
PER @ -70 dBm
SISO Receive Sensitivity
(11n,40MHz) @10% PER
- MCS=0
PER @ -85 dBm
- MCS=7
PER @ -66 dBm
Maximum Input Level
802.11b : -8 dBm
802.11g/n : -20 dBm
3.2 Wi-Fi 5GHz Specification
Feature
Description
WLAN Standard
IEEE 802.11 a/n Wi-Fi compliant
Frequency Range
5.18GHz ~ 5.825GHz
Number of Channels
Please refer to table1
Test Items
Typical Value
EVM
802.11a /54Mbps : 15 ± 2 dBm
EVM  -25dB
802.11n /MCS7 : 14 ± 2 dBm
EVM  -28dB
Spectrum Mask
Meet with IEEE standard
Freq. Tolerance
±
20ppm
SISO Receive Sensitivity
-
6Mbps
PER @ -87 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com