Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V200Z-R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # V200Z-R
Description  AIOT Wi-Fi/Bluetooth Combo Module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

V200Z-R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button V200Z-R Datasheet HTML 8Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 9Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 10Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 11Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 12Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 13Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 14Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 15Page - List of Unclassifed Manufacturers V200Z-R Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
V200Z-R
FN-LINK TECHNOLOGY LIMITED
12
6.2 Pin Definition details
NO
Name
Type
Description
Voltage
1
GND
-
Ground connections
2
ANT1Note2
Analog Optional Wi-Fi&BT Antenna port, for external antenna
3
GND
-
Ground connections
4
VMIC1
Analog
Bias voltage output for external MIC devices. Output range 1.5~3.3V.
Suggest 1uF decoupling capacitor and RC filter.
5
MIC1_P
Analog
MIC1 P port, maximum input voltage 1.8V (P to GND), pin requires
blocking capacitor.
6
MIC1_N
Analog
MIC1 N port, maximum input voltage 1.8V (P to GND), pin requires
blocking capacitor.
7
GND
-
Ground connections
8
MIC2_N
Analog MIC2 N port, please refer to the description of MIC1
9
MIC2_P
Analog MIC2 P port, please refer to the description of MIC1
10
GND
-
Ground connections
11
MIC3_P
Analog MIC3 P port, please refer to the description of MIC1
12
MIC3_N
Analog MIC3 N port, please refer to the description of MIC1
13
GND
-
Ground connections
14
DM
Analog USB2.0 D-, support high speed and full speed
15
DP
Analog USB2.0 D+, support high speed and full speed
16
GND
-
Ground connections
17
SCLK
I/O
External Flash serial clock
1.8V
18
HOLD
I/O
External Flash Hold
1.8V
19
SI
I/O
External Flash serial input
1.8V
20
SO
I/O
External Flash serial output
1.8V
21
CE
I/O
External Flash Chip Enable
1.8V
22
WP
I/O
External Flash Write Protect
1.8V
23
GND
-
Ground connections
24
VBAT
Analog
VBAT power supply input, range 3.1~5.5V, typically 3.8V. This pin
requires external filter capacitor.
25
GND
-
Ground connections
26
LED1
O
LED pin, PMU peripheral IO. Suggest cathode drive mode. Maximum
sink current 5mA. Internally PU by default,
27
LED2
O
LED pin, please refer to the description of LED1.
28
KEY_SENSE
I/O
Keypad sense pin, 10-bit ADC input with interrupt function. Max.
measurable voltage 1.7V. Max. input voltage 2.5V.
29
GPIO_14
I/O
GPIO, please refer to GPIO MUX Mapping for details
VDDIONote3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com