Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8414ACPZN-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # HMC8414ACPZN-R7
Description  Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8414ACPZN-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button HMC8414ACPZN-R7 Datasheet HTML 20Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 21Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 22Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 23Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 24Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 25Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 26Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 27Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Data Sheet
HMC8414
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 24 of 34
Figure 104. IDQ vs. RBIAS, VDD = 4 V, RBIAS Range = 0 Ω to 5.0 kΩ
Figure 105. IDQ vs. RBIAS, VDD = 6 V, RBIAS Range = 0 Ω to 5.0 kΩ
Figure 106. IDQ vs. VDD for Various RBIAS Values
Figure 107. IDQ vs. RBIAS, VDD = 4 V, RBIAS Range = 5.0 kΩ to 95.0 kΩ
Figure 108. IDQ vs. RBIAS, VDD = 6 V, RBIAS Range = 5.0 Ω to 95.0 kΩ
Figure 109. IDQ vs. VDD for Various Temperatures, RBIAS = 499 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com