Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8414ACPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC8414ACPZN-R7
Description  Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8414ACPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  HMC8414ACPZN-R7 Datasheet HTML 1Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 2Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 3Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 4Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 5Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 6Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 7Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 8Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Data Sheet
HMC8414
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 34
DC SPECIFICATIONS
Table 4. DC Specifications
Parameter
Min
Typ
Max
Unit
SUPPLY CURRENT
Internal Amplifier State
IDQ
70
90
110
mA
Amplifier Current (IDQ_AMP)
86.5
mA
RBIAS Current (IRBIAS)
3.5
mA
Control Switch Current (ICTRL)
0.4
mA
Internal Bypass Switch State
IDQ
IDQ_AMP
3
mA
IRBIAS
0
mA
ICTRL
0
mA
SUPPLY VOLTAGE
Internal Amplifier State
VDD
3
5
6
V
VBIAS
3
5
6
V
VCTRL
3
5
6
V
Internal Bypass Switch State
VDD
5
V
VBIAS
5
V
VCTRL
0
V
Table 5. Logic Control (VCTRL)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DIGITAL CONTROL INPUT
Low (Bypass Mode)
0
1.9
V
< 10 μA typical current
High (Amplifier Mode)
2.2
VDD
V
< 400 μA typical current
SWITCHING TIME
Amplifier Mode On Time
110
ns
50% VCTRL to 90% of RF output
Amplifier Mode Off Time
300
ns
50% VCTRL to 90% of RF output
RF SETTLING TIME
0.1 dB
150
ns
50% rising VCTRL to 0.1 dB of final RF
output
0.05 dB
157
ns
50% rising VCTRL to 0.05 dB of final RF
output
0.1 dB
450
ns
50% falling VCTRL to 0.1 dB of final RF
output
0.05 dB
460
ns
50% falling VCTRL to 0.05 dB of final RF
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com