Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8414ACPZN-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # HMC8414ACPZN-R7
Description  Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8414ACPZN-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button HMC8414ACPZN-R7 Datasheet HTML 26Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 27Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 28Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 29Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 30Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 31Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 32Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 33Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Data Sheet
HMC8414
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 30 of 34
The basic connections for operating the HMC8414 are shown in
Figure 130. AC-couple the RF input with an appropriately sized
capacitor to provide a DC block. The shunt resistor, inductor,
and capacitor (RLC) network on the input of the HMC8414 adds
resistive loss to help stabilize the amplifier by reducing the gain at
low frequencies.
A 3 V to 6 V DC bias is supplied to the amplifier output through a
choke inductor connected to the RFOUT/VDD1 pin (Pin 11). A DC
block capacitor is required after the bias inductor. Some additional
current flows into the VDD2 pin, which must be connected directly
to the supply voltage as shown in Figure 130 (most of the bias
current flows into the RFOUT/VDD1 pin).
The quiescent drain bias current is set by connecting a resistor
between the RBIAS pin and the supply voltage as shown in Figure
130. A 499 Ω resistor is recommended to set the bias current to 90
mA with a 5 V supply.
A logic signal on the VCTRL pin (3 V or 0 V) toggles between
amplifier mode and bypass mode with a Logic 1 selecting amplifier
mode.
Table 10. Truth Table
Parameter
VCTRL
Amplifier Mode
High
Bypass Mode
Low
Use the following recommended bias sequence during power-up to
ensure the amplifier is not damaged:
1. Set VDD1 and VDD2 to 5 V.
2. Set VCTRL to either 3 V or 0 V to toggle between the amplifier
path and bypass path.
3. Apply the RF signal.
The recommended bias sequence during power-down is as follows:
1. Turn off the RF signal.
2. Decrease VDD1, VDD2, and VCTRL to 0 V.
Figure 130. Basic Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com