Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8414ACPZN-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC8414ACPZN-R7
Description  Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8414ACPZN-R7 Datasheet(HTML) 1 Page - Analog Devices

  HMC8414ACPZN-R7 Datasheet HTML 1Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 2Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 3Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 4Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 5Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 6Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 7Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 8Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Data Sheet
HMC8414
Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Integrated amplifier bypass switch
►
Self biased with adjustable bias current
►
Gain in amplifier path: 16 dB typical at 7 GHz to 10 GHz
►
OIP3 in amplifier path: 36.5 dBm typical at 0.1 GHz to 4 GHz
►
Noise figure in amplifier path: 2 dB typical at 0.1 GHz to 4 GHz
►
Insertion loss in bypass path: 1.5 dB typical at 0.1 GHz to 4 GHz
►
16-lead, 3 mm × 3 mm LFCSP package
APPLICATIONS
►
Test and measurement equipment
►
Wideband high dynamic range receivers
GENERAL DESCRIPTION
The HMC8414 is a low noise wideband amplifier with a bypass
switch that operates from 0.1 GHz to 10 GHz. The integrated
bypass switch enables high dynamic range systems with large
receive path signal variation. In the bypass path, typical insertion
loss and input third-order intercept (IIP3) are 1.5 dB and 49.4 dBm,
respectively.
The HMC8414 features inputs and outputs that are internally
matched to 50 Ω over the full operating range of the device. The
single positive supply voltage can range from 3 V to 6 V. The bias
current is set by a resistor connected between the RBIAS pin and
VDD pins (RFOUT/VDD1 and VDD2), and can be varied around its
nominal value of 90 mA.
The HMC8414 is fabricated on a gallium arsenide (GaAs), pseudo-
morphic high electron mobility transistor (pHEMT) process. It is
housed in an RoHS-compliant, 3 mm × 3 mm, LFCSP package and
is specified for operation from −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.


Similar Part No. - HMC8414ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8410 AD-HMC8410 Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410 AD-HMC8410 Datasheet
749Kb / 17P
Low Noise Amplifier
Nov-2017
HMC8410CHIPS AD-HMC8410CHIPS Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410CHIPS-SX AD-HMC8410CHIPS-SX Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410LP2FE AD-HMC8410LP2FE Datasheet
749Kb / 17P
Low Noise Amplifier
Nov-2017
More results

Similar Description - HMC8414ACPZN-R7

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_08 Datasheet
781Kb / 42P
Low Noise Amplifier with Bypass Switch
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
Low Noise Amplifier with Bypass Switch
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Analog Devices
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
ADL8112 AD-ADL8112 Datasheet
1Mb / 27P
10 MHz to 26.5 GHz Amplifier with Bypass Switches
Rev. 0
logo
Guerrilla RF, Inc.
GRF4142 GUERRILLA-GRF4142 Datasheet
1Mb / 23P
LNA/Driver with Bypass 0.1 to 6 GHz
April 18, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com