Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8414ACPZN-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # HMC8414ACPZN-R7
Description  Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8414ACPZN-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button HMC8414ACPZN-R7 Datasheet HTML 26Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 27Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 28Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 29Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 30Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 31Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 32Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 33Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Data Sheet
HMC8414
AMPLIFIER BYPASS MODE RESPONSE
analog.com
Rev. 0 | 31 of 34
Figure 131 shows the response time of the HMC8414 switching
between amplifier mode and bypass mode. The red trace is the
VCTRL signal and the blue trace is the output envelope when the
input frequency is –10 dBm continuous wave at 250 MHz. This
measurement was made using the default application circuit. The
settling time of the circuit is strongly influenced by the 590 nH bias
inductor (L1 in Figure 130). Reducing the value of this inductor to
77 nH reduces the settling time along with the magnitude of the
switching transients (see Figure 132). Reducing the size of the bias
inductor also affects the low end frequency response of the circuit.
Figure 131. Amplifier Internal Bypass Switch Response Time
Figure 132. Amplifier Internal Bypass Switch Response Time with Bias
Inductor Reduced to 77 nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com