Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8414ACPZN-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # HMC8414ACPZN-R7
Description  Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8414ACPZN-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button HMC8414ACPZN-R7 Datasheet HTML 26Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 27Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 28Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 29Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 30Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 31Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 32Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 33Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Data Sheet
HMC8414
RECOMMENDED POWER MANAGEMENT CIRCUIT
analog.com
Rev. 0 | 32 of 34
Figure 133 shows a recommended power management circuit for
the HMC8414. The LT8607 step-down regulator is used to step
down a 12 V rail to 6.5 V, which is then applied to the LT3042 low
dropout (LDO) linear regulator to generate a low noise 5 V output.
Although the circuit shown in Figure 133 has an input voltage of 12
V, the input range to the LT8607 can be as high as 42 V.
The 6.54 V regulator output of the LT8607 is set by the R2 resistor
and R3 resistor according to the following equation:
R2 = R3[(VOUT/0.778 V) − 1]
(1)
The switching frequency is set to 2 MHz by the 18.2 kΩ resistor
on the RT pin. The LT8607 data sheet provides a table of resistor
values that can be used to select other switching frequencies
ranging from 0.2 MHz to 2.2 MHz.
The output voltage of the LT3042 is set by the R4 resistor connect-
ed to the SET pin according to the following equation:
VOUT = 100 μA × R4
(2)
The PGFB resistors are chosen to trigger the power-good (PG)
signal when the output is just under 95% of the target voltage of 5
V. The output of the LT3042 has 1% initial tolerance and another
1% variation over temperature. The PGFB resistor tolerance is
roughly 3% over temperature, and adding resistors results in a
5% over temperature. Therefore, putting 5% between the output
and PGFB resistor works well. In addition, the PG open-collector
is pulled up to the 5 V output to supply a convenient 0 V to 5 V
voltage range. Table 11 provides the recommended resistor values
for operation at 5 V, 3.3 V, and 3 V.
Table 11. Recommended Resistor Values for Operating at 5 V, 3.3 V, and 3 V
LDO Output Voltage (V)
R4 (kΩ)
R7 (kΩ)
R8 (kΩ)
5
49.9
442
30.1
3.3
33.2
287
30.1
3
30.1
255
30.1
The LT8607 can source a maximum current of 750 mA, and the
LT3042 can source a maximum current of 200 mA. If the 5 V power
supply voltage is being developed as a bus supply to serve another
component, higher current devices can be used. The LT8608 and
LT8609 step-down regulators can source a maximum current to 1.5
A and 3 A, respectively, and these devices are pin-compatible with
the LT8607. The LT3045 linear regulator, which is pin-compatible
with the LT3042, can source a maximum current of up to 500 mA.
Figure 133. Power Management Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com