Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8414ACPZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC8414ACPZN-R7
Description  Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8414ACPZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC8414ACPZN-R7 Datasheet HTML 3Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 4Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 5Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 6Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 7Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 8Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 9Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 10Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Data Sheet
HMC8414
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 34
Figure 2. Pin Configuration
Table 9. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 12
GND
Ground. Connect to a ground pad that has low electrical and thermal impedance.
2
RFIN
RF Input. The RFIN pin is DC-coupled and matched to 50 Ω. See Figure 4 for the interface schematic.
3, 5 to 10, 13, 16
NIC
No Internal Connection. These pins are not connected internally. For normal operation, connect these
pins to ground.
4
RBIAS
Bias Setting Resistor. Connect a resistor between the RBIAS pin and VDD pins (RFOUT/VDD1 and
VDD2) to set the quiescent drain current. See Figure 130 for more details.
11
RFOUT/VDD1
RF Output and Drain Bias Voltage. The RF output is DC-coupled and serves as the drain biasing node.
Connect a DC bias network to provide the drain current and AC-couple the RF output path.
14
VDD2
Drain Bias Voltage. Connect this pin directly to the supply voltage.
15
VCTRL
Bypass Control. Setting VCTRL to 0 V enables bypass mode. Setting VCTRL to 3 V enables amplifier
mode.
EPAD
Exposed Pad. Connect the exposed pad to a ground plane that has low electrical and thermal
impedance.
INTERFACE SCHEMATICS
Figure 3. RBIAS Interface Schematic
Figure 4. RFIN Interface Schematic
Figure 5. GND Interface Schematic
Figure 6. RFOUT/VDD1 Interface Schematic
Figure 7. VCTRL Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com