Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8414ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC8414ACPZN-R7
Description  Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8414ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  HMC8414ACPZN-R7 Datasheet HTML 1Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 2Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 3Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 4Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 5Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 6Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 7Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 8Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Data Sheet
HMC8414
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 34
0.1 GHZ TO 4 GHZ FREQUENCY RANGE
Drain bias voltage (VDD) = 5 V, supply current (IDQ) = 90 mA, RBIAS = 499 Ω, and TA = 25°C, VCTRL = 5 V, unless otherwise noted.
Table 1. 0.1 GHz to 4 GHz Frequency Range Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.1
4
GHz
INTERNAL AMPLIFIER STATE
Gain
14.5
16.5
dB
Gain Variation over Temperature
0.005
dB/°C
NOISE FIGURE
2
dB
RETURN LOSS
Input (S11)
13
dB
Output (S22)
18
dB
OUTPUT
Output Power for 1 dB Compression (OP1dB)
18.5
20.5
dBm
Saturated Output Power (PSAT)
22
dBm
Output Third-Order Intercept (OIP3)
36.5
dBm
Measurement taken at output power (POUT)
per tone = 5 dBm
Output Second-Order Intercept (OIP2)
44
dBm
Measurement taken at POUT per tone = 5
dBm
INTERNAL BYPASS SWITCH STATE
Insertion Loss
1.5
dB
VCTRL = 0 V
Input Third-Order Intercept (IIP3)
49.4
dBm
VCTRL = 0 V; measurement taken at POUT
per tone = 5 dBm
Input Second-Order Intercept (IIP2)
79.9
dBm
VCTRL = 0 V; measurement taken at POUT
per tone = 5 dBm
Input Power for 1 dB Compression (IP1dB)
27.7
dBm
VCTRL = 0 V
4 GHZ TO 7 GHZ FREQUENCY RANGE
VDD = 5 V, IDQ = 90 mA, RBIAS = 499 Ω, and TA = 25°C, unless otherwise noted.
Table 2. 4 GHz to 7 GHz Frequency Range Specifications
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
4
7
GHz
INTERNAL AMPLIFIER STATE
Gain
14
16
dB
Gain Variation over Temperature
0.01
dB/°C
NOISE FIGURE
2.3
dB
RETURN LOSS
S11
11
dB
S22
13
dB
OUTPUT
OP1dB
18
20
dBm
PSAT
22
dBm
OIP3
33.5
dBm
Measurement taken at POUT per tone = 5
dBm
OIP2
35.5
dBm
Measurement taken at POUT per tone = 5
dBm
INTERNAL BYPASS STATE
Insertion Loss
2
dB
VCTRL = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com