Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8414ACPZN-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # HMC8414ACPZN-R7
Description  Low Noise Amplifier with Bypass Switch 0.1 GHz to 10 GHz
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8414ACPZN-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button HMC8414ACPZN-R7 Datasheet HTML 25Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 26Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 27Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 28Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 29Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 30Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 31Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 32Page - Analog Devices HMC8414ACPZN-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Data Sheet
HMC8414
THEORY OF OPERATION
analog.com
Rev. 0 | 29 of 34
The HMC8414 is a low noise wideband amplifier with an integrat-
ed bypass switch. Figure 129 shows a simplified schematic. The
HMC8414 has DC-coupled, single-ended input and output ports
with impedances that are nominally equal to 50 Ω over the 100 MHz
to 10 GHz frequency range. No external matching components are
required. To set the IDQ bias current, connect an external resistor
between the RBIAS and VDD pins (RFOUT/VDD1 and VDD2).
A logic-low signal on the VCTRL pin enables the amplifier bypass
mode. This logic-low signal reduces the supply current to 3 mA.
Figure 129. Simplified Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com