Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS640G Datasheet(PDF) 29 Page - Advanced Micro Devices

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G Datasheet(HTML) 29 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 25Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 26Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 27Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 28Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 29Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 30Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 31Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 32Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 33Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
27
Data
Sheet
Figure 1. Synchronous/Asynchronous State Diagram
Read Mode Setting
On power-up or hardware reset, the device is set to be in asynchronous read
mode. This setting allows the system to enable or disable burst mode during sys-
tem operations. Address A19 determines this setting: “1’ for asynchronous mode,
“0” for synchronous mode.
Programmable Wait State Configuration
The programmable wait state feature informs the device of the number of clock
cycles that must elapse after AVD# is driven active before data will be available.
This value is determined by the input frequency of the device. Address bits A14–
A12 determine the setting (see Table 8).
The wait state command sequence instructs the device to set a particular number
of clock cycles for the initial access in burst mode. The number of wait states that
should be programmed into the device is directly related to the clock frequency.
Power-up/
Hardware Reset
Asynchronous Read
Mode Only
Synchronous Read
Mode Only
Set Burst Mode
Configuration Register
Command for
Synchronous Mode
(A19 = 0)
Set Burst Mode
Configuration Register
Command for
Asynchronous Mode
(A19 = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com