Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS640G Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 31Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 32Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 33Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 34Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 35Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 36Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 37Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 38Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
33
Data
Sheet
in the standard program command sequence, resulting in faster total program-
ming time. The host system may also initiate the chip erase and sector erase
sequences in the unlock bypass mode. The erase command sequences are four
cycles in length instead of six cycles. Table 13, “Command Definitions,” on
page 37 shows the requirements for the unlock bypass command sequences.
During the unlock bypass mode, only the Unlock Bypass Program, Unlock Bypass
Sector Erase, Unlock Bypass Chip Erase, and Unlock Bypass Reset commands are
valid. To exit the unlock bypass mode, the system must issue the two-cycle un-
lock bypass reset command sequence. The first cycle must contain the bank
address and the data 90h. The second cycle need only contain the data 00h. The
bank then returns to the read mode.
The device offers accelerated program operations through the ACC input. When
the system asserts VID on this input, the device automatically enters the Unlock
Bypass mode. The system may then write the two-cycle Unlock Bypass program
command sequence. The device uses the higher voltage on the ACC input to ac-
celerate the operation.
Figure 2 illustrates the algorithm for the program operation. Refer to the Erase/
Program Operations table in the AC Characteristics section for parameters, and
Figure 21, “Asynchronous Program Operation Timings,” on page 59 for timing
diagrams.
Notes:
1. See Table 13 for erase command sequence.
2. See the section on DQ3 for information on the sector erase timer.
Figure 2. Erase Operation
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com