Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS640G Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM29BDS640G Datasheet HTML 1Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 2Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 3Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 4Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 5Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 6Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 7Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 8Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
3
Data
Sheet
The sector erase architecture allows memory sectors to be erased and reprogrammed
without affecting the data contents of other sectors. The device is fully erased when
shipped from the factory.
Hardware data protection measures include a low VCC detector that automatically in-
hibits write operations during power transitions. The device also offers two types of data
protection at the sector level. The sector lock/unlock command sequence disables or
re-enables both program and erase operations in any sector. When at VIL, WP# locks
sectors 0 and 1 (bottom boot device) or sectors 132 and 133 (top boot device).
The device offers two power-saving features. When addresses have been stable for a
specified amount of time, the device enters the automatic sleep mode. The system can
also place the device into the standby mode. Power consumption is greatly reduced in
both modes.
Spansion flash technology combines years of flash memory manufacturing experience to
produce the highest levels of quality, reliability and cost effectiveness. The device electri-
cally erases all bits within a sector simultaneously via Fowler-Nordheim tunnelling. The
data is programmed using hot electron injection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com