Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS640G Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 69Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 70Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 71Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 72Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 73Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 74Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 75Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 76Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 77Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 75 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
73
Data
Sheet
Revision Summary
Revision A (February 13, 2002)
Initial release.
Revision A+1 (February 19, 2002)
Automatic Sleep Mode
Clarified description to indicate that sleep mode is activated when the first CLK
edge occurs after tACC.
Figure 20, Asynchronous Program Operation Timings
Modified to show that CLK is don’t care prior to AVD# going low, and that AVD#
must not be low before CE# transitions low.
Revision A+2 (February 27, 2002)
Figure 21, Asynchronous Program Operation Timings
Extended don’t care section of CLK to falling edge of WE#.
Revision A+3 (May 9, 2002)
Requirements for Synchronous (Burst) Read Operation
Shifted address, clock, and data cycle references in third paragraph up by one.
Table 4, System Interface String
Corrected data for address 23h.
Table 9, Initial Access Cycles vs. Frequency
Added table.
Autoselect Command Sequence
Added bottom boot device IDs to table.
Table 13, Command Definitions
Added bottom boot device IDs to table.
RDY: Ready
Corrected address boundary from 63rd word/3Eh to 64th word/3Fh.
DC Characteristics
Added VIO = VIO min to test conditions for VOL and VOH in table.
Erase/Program Operations table
Added specifications for parameters tCSW1, tCSW2, tCHW, tAHC.
Figures 21, 23
Added note to indicate AVD# must toggle during command sequence unlock cy-
cles. Added tCSW1 to 21.
Figures 22, 24
Added figures, which show different timings between addresses, CLK, WE#, and
AVD#.
Figures 25, 27, 28
Added note to indicate AVD# must toggle during data reads.
Figures 30, 31
Shifted address, clock, and data cycle counts up by one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com