Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS640G Datasheet(PDF) 71 Page - Advanced Micro Devices

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G Datasheet(HTML) 71 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 67Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 68Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 69Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 70Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 71Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 72Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 73Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 74Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 75Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
69
Data
Sheet
AC Characteristics
Note:
A14, A13, A12 = “101” ⇒ 5 programmed, 7 total
A14, A13, A12 = “100” ⇒ 4 programmed, 6 total
A14, A13, A12 = “011” ⇒ 3 programmed, 5 total
A14, A13, A12 = “010” ⇒ 2 programmed, 4 total
A14, A13, A12 = “001” ⇒ 1 programmed, 3 total
A14, A13, A12 = “000” ⇒ 0 programmed, 2 total
Figure assumes address D0 is not at an address boundary, active clock edge is rising, and wait state is set to “101”.
Figure 32. Example of Wait States Insertion (Standard Handshaking Device)
Data
AVD#
OE#
CLK
12
3
4
5
D0
D1
01
6
2
7
3
total number of clock cycles
following AVD# falling edge
Rising edge of next clock cycle
following last wait state triggers
next burst data
number of clock cycles
programmed
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com