Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS640G Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 7Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 8Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 9Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 10Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 11Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 12Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 13Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 14Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
May 9, 2006 25903C2
Am29BDS640G
9
Data
Sheet
Connection Diagram
Special Handling Instructions for FBGA Package
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultra-
sonic cleaning methods. The package and/or data integrity may be compromised
if the package body is exposed to temperatures above 150°C for prolonged peri-
ods of time.
C2
D2
E2
F2
G2
H2
J2
K2
C3
D3
E3
F3
G3
H3
J3
K3
C4
D4
E4
F4
G4
H4
J4
K4
C5
D5
E5
F5
G5
H5
J5
K5
C6
D6
E6
F6
G6
H6
J6
K6
C7
D7
A7
B7
A8
B8
A1
B1
A2
E7
F7
G7
H7
J7
K7
L7
L8
M7
M8
L1
L2
M1
M2
NC
NC
NC
B2
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
DQ15
VSS
NC
A16
A15
A14
A12
A13
C8
D8
E8
F8
G8
H8
J8
K8
NC
NC
NC
VSSIO
VIO
NC
NC
NC
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
A21
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
ACC
RDY
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
C1
D1
E1
F1
G1
H1
J1
K1
VSSIO
NC
VIO
AVD#
WP#
CLK
VCC
NC
80-ball Fine-Pitch Ball Grid Array
(Top View, Balls Facing Down)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com