Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS640G Datasheet(PDF) 74 Page - Advanced Micro Devices

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G Datasheet(HTML) 74 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 69Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 70Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 71Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 72Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 73Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 74Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 75Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 76Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 77Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 74 / 77 page
background image
72
Am29BDS640G
25903C2 May 9, 2006
Data
Sheet
Physical Dimensions
FBE080—80-ball Fine-Pitch Ball Grid Array (FBGA)
11 x 12 mm Package
Note: BSC is an ANSI standard for Basic Space Centering.
D
A
A2
eD
D1
E1
SE
SD
eE
0.20 (4X)
A1 CORNER INDEX MARK
A1 CORNER
A1
SEATING PLANE
10
6
7
7
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
E
B
Z
Z
0.08
Z
0.25
Z
ZA B
φ0.08
φ0.15
M
M
NXOb
A
B
C
D
E
F
G
H
J
K
L
M
7
6
5
4
3
2
1
8
A3-A6, B3-B6,
L3-L6, M3-M6
N/A
10.95 mm x 11.95 mm
PACKAGE
FBE 080
NOM.
---
---
---
1.20
---
0.94
MAX.
10.95 BSC.
11.95 BSC.
12
---
MIN.
0.84
0.20
8.80 BSC.
5.60 BSC.
8
80
0.30
0.35
0.40 BSC.
E
0.25
0.80 BSC.
ME
D
JEDEC
PACKAGE
SYMBOL
A
A2
A1
MD
D1
E
E1
b
N
NOTE
PACKAGE OUTLINE TYPE
ROW MATRIX SIZE E DIRECTION
BALL FOOTPRINT
BALL PITCH
SOLDER BALL PLACEMENT
BODY SIZE
BALL HEIGHT
BODY SIZE
BODY THICKNESS
OVERALL THICKNESS
BALL DIAMETER
ROW MATRIX SIZE D DIRECTION
TOTAL BALL COUNT
BALL FOOTPRINT
DEPOPULATED SOLDER BALLS
e
SD / SE
3150\38.9G
NOTES:
1.
DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL ROW MATRIX SIZE IN THE "D"
DIRECTION. SYMBOL "ME" IS THE BALL COLUMN MATRIX SIZE
IN THE "E" DIRECTION. N IS THE TOTAL NUMBER OF SOLDER
BALLS.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM Z.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW. WHEN THERE IS AN ODD NUMBER
OF SOLDER BALLS IN THE OUTER ROW PARALLEL TO THE D
OR E DIMENSION, RESPECTIVELY, SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" IN THE PACKAGE DRAWING INDICATES THE THEORETICAL
CENTER OF DEPOPULATED BALLS.
9
FOR PACKAGE THICKNESS, "A" IS THE CONTROLLING DIMENSION.
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, INK MARK,
METALLIZED MARKINGS INDENTION OR OTHER MEANS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com