Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS640G Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 56Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 57Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 58Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 59Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 60Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 61Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 62Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 63Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
58
Am29BDS640G
25903C2 May 9, 2006
Data
Sheet
AC Characteristics
Erase/Program Operations
Notes:
1. Not 100% tested.
2. In asynchronous timing, addresses are latched on the falling edge of WE#. In synchronous mode, addresses are latched on the
first of either the rising edge of AVD# or the active edge of CLK.
3. See the “Erase and Programming Performance” section for more information.
4. Does not include the preprogramming time.
Parameter
Description
All
Speed
Options
Unit
JEDEC
Standard
tAVAV
tWC
Write Cycle Time (Note 1)
Min
80
ns
tAVWL
tAS
Address Setup Time
(Note 2)
Synchronous
Min
5
ns
Asynchronous
0
tWLAX
tAH
Address Hold Time
(Note 2)
Synchronous
Min
7
ns
Asynchronous
45
tACS
Address Setup Time to CLK (Note 2)
Min
5
ns
tACH
Address Hold Time to CLK (Note 2)
Min
7
ns
tDVWH
tDS
Data Setup Time
Min
45
ns
tWHDX
tDH
Data Hold Time
Min
0
ns
tGHWL
tGHWL
Read Recovery Time Before Write
Min
0
ns
tCAS
CE# Setup Time to AVD#
Min
0
ns
tWHEH
tCH
CE# Hold Time
Min
0
ns
tWLWH
tWP
Write Pulse Width
Min
50
ns
tWHWL
tWPH
Write Pulse Width High
Min
30
ns
tSR/W
Latency Between Read and Write Operations
Min
0
ns
tWHWH1
tWHWH1
Programming Operation (Note 3)
Typ
8
µs
tWHWH1
tWHWH1
Accelerated Programming Operation (Note 3)
Typ
2.5
µs
tWHWH2
tWHWH2
Sector Erase Operation (Notes 3, 4)
Typ
0.2
sec
Chip Erase Operation (Notes 3, 4)
26.8
tVID
VACC Rise and Fall Time
Min
500
ns
tVIDS
VACC Setup Time (During Accelerated Programming)
Min
1
µs
tVCS
VCC Setup Time
Min
50
µs
tCSW1
Clock Setup Time to WE# (Asynchronous)
Min
5
ns
tCSW2
Clock Setup Time to WE# (Synchronous)
Min
1
ns
tCHW
Clock Hold Time from WE#
Max
1
ns
tELWL
tCS
CE# Setup Time to WE#
Min
0
ns
tAVSW
AVD# Setup Time to WE#
Min
5
ns
tAVHW
AVD# Hold Time to WE#
Min
5
ns
tAVHC
AVD# Hold Time to CLK
Min
5
ns
tAVDP
AVD# Low Time
Min
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com