Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDS640G Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM29BDS640G
Description  64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS640G Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM29BDS640G Datasheet HTML 42Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 43Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 44Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 45Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 46Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 47Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 48Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 49Page - Advanced Micro Devices AM29BDS640G Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
44
Am29BDS640G
25903C2 May 9, 2006
Data
Sheet
Absolute Maximum Ratings
Storage Temperature, Plastic Packages . . . . . . . . . . . . . . . . –65°C to +150°C
Ambient Temperature with Power Applied . . . . . . . . . . . . . . –65°C to +125°C
Voltage with Respect to Ground:
All Inputs and I/Os except as noted below (Note 1) . . . . –0.5 V to VIO + 0.5 V
VCC (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–0.5 V to +2.5 V
VIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–0.5 V to +3.5 V
ACC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +12.5 V
Output Short Circuit Current (Note 3)100 mA
Notes:
1. Minimum DC voltage on input or I/Os is –0.5 V. During voltage transitions, inputs
or I/Os may undershoot VSS to –2.0 V for periods of up to 20 ns during voltage
transitions inputs might overshoot to VCC +0.5 V for periods up to 20 ns. See
Figure 6. Maximum DC voltage on input or I/Os is VCC + 0.5 V. During voltage
transitions outputs may overshoot to VCC + 2.0 V for periods up to 20 ns. See
Figure 7.
2. No more than one output may be shorted to ground at a time. Duration of the
short circuit should not be greater than one second.
3. Stresses above those listed under “Absolute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this data sheet is not implied. Exposure of the device to absolute max-
imum rating conditions for extended periods may affect device reliability.
Operating Ranges
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . –40°C to +85°C
Supply Voltages
VCC Supply Voltages. . . . . . . . . . . . . . . . . . . . . . . . . . . .+1.65 V to +1.95 V
VIO Supply Voltages:
VIO ≤ VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.65 V to +1.95 V
VIO > VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +2.7 to +3.15 V
Note: Operating ranges define those limits between which the functionality of the de-
vice is guaranteed.
Figure 6. Maximum Negative
Overshoot Waveform
Figure 7. Maximum Positive
Overshoot Waveform
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com