Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV640ML Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # LV640ML
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

LV640ML Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button LV640ML Datasheet HTML 16Page - Advanced Micro Devices LV640ML Datasheet HTML 17Page - Advanced Micro Devices LV640ML Datasheet HTML 18Page - Advanced Micro Devices LV640ML Datasheet HTML 19Page - Advanced Micro Devices LV640ML Datasheet HTML 20Page - Advanced Micro Devices LV640ML Datasheet HTML 21Page - Advanced Micro Devices LV640ML Datasheet HTML 22Page - Advanced Micro Devices LV640ML Datasheet HTML 23Page - Advanced Micro Devices LV640ML Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
18
Am29LV640MT/B
26190C8 February 1, 2007
D A TA
SH EE T
Note: The address range is A21:A-1 in byte mode (BYTE# = VIL) or A21:A0 in word mode (BYTE# = VIH)
SA109
1100110xxx
64/32
660000h–66FFFFh
330000h–337FFFh
SA110
1100111xxx
64/32
670000h–67FFFFh
338000h–33FFFFh
SA111
1101000xxx
64/32
680000h–68FFFFh
340000h–347FFFh
SA112
1101001xxx
64/32
690000h–69FFFFh
348000h–34FFFFh
SA113
1101010xxx
64/32
6A0000h–6AFFFFh
350000h–357FFFh
SA114
1101011xxx
64/32
6B0000h–6BFFFFh
358000h–35FFFFh
SA115
1101100xxx
64/32
6C0000h–6CFFFFh
360000h–367FFFh
SA116
1101101xxx
64/32
6D0000h–6DFFFFh
368000h–36FFFFh
SA117
1101110xxx
64/32
6E0000h–6EFFFFh
370000h–377FFFh
SA118
1101111xxx
64/32
6F0000h–6FFFFFh
378000h–37FFFFh
SA119
1110000xxx
64/32
700000h–70FFFFh
380000h–387FFFh
SA120
1110001xxx
64/32
710000h–71FFFFh
388000h–38FFFFh
SA121
1110010xxx
64/32
720000h–72FFFFh
390000h–397FFFh
SA122
1110011xxx
64/32
730000h–73FFFFh
398000h–39FFFFh
SA123
1110100xxx
64/32
740000h–74FFFFh
3A0000h–3A7FFFh
SA124
1110101xxx
64/32
750000h–75FFFFh
3A8000h–3AFFFFh
SA125
1110110xxx
64/32
760000h–76FFFFh
3B0000h–3B7FFFh
SA126
1110111xxx
64/32
770000h–77FFFFh
3B8000h–3BFFFFh
SA127
1111000xxx
64/32
780000h–78FFFFh
3C0000h–3C7FFFh
SA128
1111001xxx
64/32
790000h–79FFFFh
3C8000h–3CFFFFh
SA129
1111010xxx
64/32
7A0000h–7AFFFFh
3D0000h–3D7FFFh
SA130
1111011xxx
64/32
7B0000h–7BFFFFh
3D8000h–3DFFFFh
SA131
1111100xxx
64/32
7C0000h–7CFFFFh
3E0000h–3E7FFFh
SA132
1111101xxx
64/32
7D0000h–7DFFFFh
3E8000h–3EFFFFh
SA133
1111110xxx
64/32
7E0000h–7EFFFFh
3F0000h–3F7FFFh
SA134
1111111000
64/32
7F0000h–7FFFFFh
3F8000h–3FFFFFh
Table 3.
Am29LV640MB Bottom Boot Sector Architecture (Continued)
Sector
Sector Address
A21–A12
Sector Size
(Kbytes/Kwords)
(x8)
Address Range
(x16)
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com