Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV640ML Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # LV640ML
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

LV640ML Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button LV640ML Datasheet HTML 55Page - Advanced Micro Devices LV640ML Datasheet HTML 56Page - Advanced Micro Devices LV640ML Datasheet HTML 57Page - Advanced Micro Devices LV640ML Datasheet HTML 58Page - Advanced Micro Devices LV640ML Datasheet HTML 59Page - Advanced Micro Devices LV640ML Datasheet HTML 60Page - Advanced Micro Devices LV640ML Datasheet HTML 61Page - Advanced Micro Devices LV640ML Datasheet HTML 62Page - Advanced Micro Devices LV640ML Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
February 1, 2007 26190C8
Am29LV640MT/B
57
DA TA
SH EE T
ERASE AND PROGRAMMING PERFORMANCE
Notes:
1. Typical program and erase times assume the following conditions: 25
°C, 3.0 V V
CC. Programming specifications assume that
all bits are programmed to 00h.
2. Maximum values are measured at V
CC = 3.0 V, worst case temperature. Maximum values are valid up to and including 100,000
program/erase cycles.
3. Word/Byte programming specification is based upon a single word/byte programming operation not utilizing the write buffer.
4. For 1-16 words or 1-32 bytes programmed in a single write buffer programming operation.
5. Effective write buffer specification is calculated on a per-word/per-byte basis for a 16-word/32-byte write buffer operation.
6. In the pre-programming step of the Embedded Erase algorithm, all bits are programmed to 00h before erasure.
7. System-level overhead is the time required to execute the command sequence(s) for the program command. See Tables 12 and
13 for further information on command definitions.
8. The device has a minimum erase and program cycle endurance of 100,000 cycles.
LATCHUP CHARACTERISTICS
Note:
Includes all pins except V
CC. Test conditions: VCC = 3.0 V, one pin at a time.
Parameter
Typ (Note 1)
Max (Note 2)
Unit
Comments
Sector Erase Time
0.5
15
sec
Excludes 00h
programming
prior to erasure (Note 6)
Chip Erase Time
64
128
sec
Single Word/Byte Program Time (Note 3)
Byte
100
800
µs
Excludes system level
overhead (Note 7)
Word
100
800
µs
Accelerated Single Word/Byte Program Time
(Note 3)
Byte
90
720
µs
Word
90
720
µs
Total Write Buffer Program Time (Note 4)
352
1800
µs
Effective Write Buffer Program Time (Note 5)
Per Byte
11
57
µs
Per Word
22
113
µs
Total Accelerated Write Buffer Program Time
(Note 4)
282
1560
µs
Effective Accelerated Write Buffer Program
Time (Note 4)
Per Byte
8.8
49
µs
Per Word
17.6
98
µs
Description
Min
Max
Input voltage with respect to V
SS on all pins except I/O pins
(including A9, OE#, and RESET#)
–1.0 V
12.5 V
Input voltage with respect to V
SS on all I/O pins
–1.0 V
V
CC + 1.0 V
V
CC Current
–100 mA
+100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com