Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV640ML Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # LV640ML
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

LV640ML Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button LV640ML Datasheet HTML 17Page - Advanced Micro Devices LV640ML Datasheet HTML 18Page - Advanced Micro Devices LV640ML Datasheet HTML 19Page - Advanced Micro Devices LV640ML Datasheet HTML 20Page - Advanced Micro Devices LV640ML Datasheet HTML 21Page - Advanced Micro Devices LV640ML Datasheet HTML 22Page - Advanced Micro Devices LV640ML Datasheet HTML 23Page - Advanced Micro Devices LV640ML Datasheet HTML 24Page - Advanced Micro Devices LV640ML Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
February 1, 2007 26190C8
Am29LV640MT/B
19
D A TA
SH EET
Autoselect Mode
The autoselect mode provides manufacturer and de-
vice identification, and sector protection verification,
through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equip-
ment to automatically match a device programmed
with its corresponding programming algorithm. How-
ever, the autoselect codes can be accessed in-system
through the command register.
When using programming equipment, the autoselect
mode requires V
ID on address pin A9. Address pins
A6, A3, A2, A1, and A0 must be set as shown in Table
4. In addition, when verifying sector protection, the
sector address must appear on the appropriate high-
est order address bits (see Tables 2 and 3). Table 4
shows the remaining address bits that are don’t care.
When all necessary bits have been set as required,
the programming equipment can then read the corre-
sponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host
system can issue the autoselect command via the
command register, as shown in Table 12 and Table 13.
This method does not require V
ID. See Autoselect
Command Sequence on page 28 for more informa-
tion.
Table 4.
Autoselect Codes, (High Voltage Method)
Legend: L = Logic Low = V
IL, H = Logic High = VIH, SA = Sector Address, X = Don’t care.
Description
CE#
OE#
WE#
A21
to
A15
A14
to
A10
A9
A8
to
A7
A6
A5
to
A4
A3
to
A2
A1
A0
DQ8 to DQ15
DQ7 to DQ0
BYTE#
= V
IH
BYTE#
= V
IL
Manufacturer ID: AMD
L
L
H
X
X
VID
X
L
X
L
L
L
00
X
01h
Cycle 1
LL
H
X
X
VID
XL
X
LL
H
22
X
7Eh
Cycle 2
H
H
L
22
X
10h
Cycle 3
H
H
H
22
X
00 (bottom boot)
01h (top boot)
Sector Protection
Verification
LL
H
SA
X
VID
XL
X
L
H
L
X
X
01h (protected),
00h (unprotected)
Secured Silicon Sector
Indicator Bit (DQ7),
WP# protects top two
address sector
LL
H
X
X
VID
XL
X
L
H
H
X
X
98h (factory locked),
18h (not factory locked)
Secured Silicon Sector
Indicator Bit (DQ7),
WP# protects bottom
two address sector
LL
H
X
X
V
ID
XL
X
L
H
H
X
X
88h (factory locked),
08h (not factory locked)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com