Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV640ML Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # LV640ML
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

LV640ML Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button LV640ML Datasheet HTML 32Page - Advanced Micro Devices LV640ML Datasheet HTML 33Page - Advanced Micro Devices LV640ML Datasheet HTML 34Page - Advanced Micro Devices LV640ML Datasheet HTML 35Page - Advanced Micro Devices LV640ML Datasheet HTML 36Page - Advanced Micro Devices LV640ML Datasheet HTML 37Page - Advanced Micro Devices LV640ML Datasheet HTML 38Page - Advanced Micro Devices LV640ML Datasheet HTML 39Page - Advanced Micro Devices LV640ML Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
34
Am29LV640MT/B
26190C8 February 1, 2007
D A TA
SH EE T
The system can monitor DQ3 to determine if the sec-
tor erase timer has timed out. See DQ3: Sector Erase
Timer on page 41. The time-out begins from the rising
e d g e of t h e f i n a l WE# p u l se i n t h e co mm an d
sequence.
When the Embedded Erase algorithm is complete, the
device returns to reading array data and addresses
are no longer latched. The system can determine the
status of the erase operation by reading DQ7, DQ6, or
DQ2 in the erasing sector. See Write Operation Status
on page 38 for information on these status bits.
Once the sector erase operation has begun, only the
Erase Suspend command is valid. All other com-
mands are ignored. However, note that a hardware
reset immediately terminates the erase operation. If
that occurs, the sector erase command sequence
should be reinitiated once the device has returned to
reading array data, to ensure data integrity.
Figure 7 illustrates the algorithm for the erase opera-
tion. See the table, Erase and Program Operations on
page 48 in AC Characteristics for parameters, and Fig-
ure 19 for timing diagrams.
Figure 7.
Erase Operation
START
Write Erase
Command Sequence
(Notes 1, 2)
Data Poll to Erasing
Bank from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
Notes:
1. See Table 12 and Table 13 for erase command
sequence.
2. See DQ3: Sector Erase Timer on page 41 for
information on the sector erase timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com