Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV640ML Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # LV640ML
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

LV640ML Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button LV640ML Datasheet HTML 26Page - Advanced Micro Devices LV640ML Datasheet HTML 27Page - Advanced Micro Devices LV640ML Datasheet HTML 28Page - Advanced Micro Devices LV640ML Datasheet HTML 29Page - Advanced Micro Devices LV640ML Datasheet HTML 30Page - Advanced Micro Devices LV640ML Datasheet HTML 31Page - Advanced Micro Devices LV640ML Datasheet HTML 32Page - Advanced Micro Devices LV640ML Datasheet HTML 33Page - Advanced Micro Devices LV640ML Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
28
Am29LV640MT/B
26190C8 February 1, 2007
D A TA
SH EE T
which the system can read data from an y
non-erase-suspended sector. After completing a pro-
gramming operation in the Erase Suspend mode, the
system can once again read array data with the same
exception. See Erase Suspend/Erase Resume Com-
mands on page 35 for more information.
The system must issue the reset command to return
the device to the read (or erase-suspend-read) mode if
DQ5 goes high during an active program or erase op-
eration, or if the device is in the autoselect mode. See
the next section, Reset Command, for more informa-
tion.
See also Requirements for Reading Array Data on
page 11 in Device Bus Operations for more informa-
tion. See the table, Read-Only Operations on page 45
for the read parameters, and Figure 14 for the timing
diagram.
Reset Command
Writing the reset command resets the device to the
read or erase-suspend-read mode. Address bits are
don’t cares for this command.
The reset command can be written between the se-
quence cycles in an erase command sequence before
erasing begins. This resets the device to the read
mode. Once erasure begins, however, the device ig-
nores reset commands until the operation is complete.
The reset command can be written between the
sequence cycles in a program command sequence
before programming begins. This resets the device to
the read mode. If the program command sequence is
written while the device is in the Erase Suspend mode,
writing the reset command returns the device to the
erase-suspend-read mode. Once programming be-
gins, however, the device ignores reset commands
until the operation is complete.
The reset command can be written between the se-
quence cycles in an autoselect command sequence.
Once in the autoselect mode, the reset command
must be written to return to the read mode. If the de-
vice entered the autoselect mode while in the Erase
Suspend mode, writing the reset command returns the
device to the erase-suspend-read mode.
If DQ5 goes high during a program or erase operation,
writing the reset command returns the device to the
read mode (or erase-suspend-read mode if the device
was in Erase Suspend).
Note that if DQ1 goes high during a Write Buffer Pro-
gramming operation, the system must write the
Write-to-Buffer-Abort Reset command sequence to
reset the device for the next operation.
Autoselect Command Sequence
The autoselect command sequence allows the host
system to read several identifier codes at specific ad-
dresses:
Note: The device ID is read over three cycles. SA = Sector
Address
Tables 12 and 13 show the address and data require-
ments. This method is an alternative to that shown in
Table 4, which is intended for PROM programmers
and requires V
ID on address pin A9. The autoselect
command sequence can be written to an address that
is either in the read or erase-suspend-read mode. The
autoselect command cannot be written while the de-
vice is actively programming or erasing.
The autoselect command sequence is initiated by first
writing two unlock cycles. This is followed by a third
write cycle that contains the autoselect command. The
device then enters the autoselect mode. The system
can read at any address any number of times without
initiating another autoselect command sequence.
The system must write the reset command to return to
the read mode (or erase-suspend-read mode if the de-
vice was previously in Erase Suspend).
Enter Secured Silicon Sector/Exit Secured
Silicon Sector Command Sequence
The Secured Silicon Sector region provides a secured
data area containing an 8-word/16-byte random Elec-
tronic Serial Number (ESN). The system can access
the Secured Silicon Sector region by issuing the
three-cycle Enter Secured Silicon Sector command
sequence. The device continues to access the Se-
cured Silicon Sector region until the system issues the
four-cycle Exit Secured Silicon Sector command se-
quence. The Exit Secured Silicon Sector command
sequence returns the device to normal operation. Ta-
bles 12 and 13 show the address and data require-
ments for both command sequences. See also Secured
Silicon Sector Flash Memory Region for further infor-
mation.
Identifier Code
A7:A0
(x16)
A6:A-1
(x8)
Manufacturer ID
00h
00h
Device ID, Cycle 1
01h
02h
Device ID, Cycle 2
0Eh
1Ch
Device ID, Cycle 3
0Fh
1Eh
Secured Silicon Sector Factory Protect
03h
06h
Sector Protect Verify
(SA)02h
(SA)04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com