Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV640ML Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # LV640ML
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

LV640ML Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button LV640ML Datasheet HTML 43Page - Advanced Micro Devices LV640ML Datasheet HTML 44Page - Advanced Micro Devices LV640ML Datasheet HTML 45Page - Advanced Micro Devices LV640ML Datasheet HTML 46Page - Advanced Micro Devices LV640ML Datasheet HTML 47Page - Advanced Micro Devices LV640ML Datasheet HTML 48Page - Advanced Micro Devices LV640ML Datasheet HTML 49Page - Advanced Micro Devices LV640ML Datasheet HTML 50Page - Advanced Micro Devices LV640ML Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
February 1, 2007 26190C8
Am29LV640MT/B
45
D A TA
SH EET
AC CHARACTERISTICS
Read-Only Operations
Notes:
1. Not 100% tested.
2. See Figure 12 and Table 15 for test specifications.
Parameter
Description
Test Setup
Speed Options
JEDEC Std.
90R
100R
100
110R
110,
120R
120
Unit
t
AVAV
t
RC
Read Cycle Time (Note 1)
Min
90
100
110
120
ns
t
AVQV
t
ACC Address to Output Delay
CE#, OE#
= VIL
Max
90
100
110
120
ns
tELQV
tCE Chip Enable to Output Delay
OE# = VIL Max
90
100
110
120
ns
tPACC Page Access Time
Max
25
30
30
40
30
40
ns
tGLQV
tOE Output Enable to Output Delay
Max
25
30
30
40
30
40
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Note 1)
Max
16
ns
tGHQZ
tDF
Output Enable to Output High
Z (Note 1)
Max
16
ns
tAXQX
tOH
Output Hold Time From
Addresses, CE# or OE#,
Whichever Occurs First
Min
0
ns
tOEH
Output Enable
Hold Time
(Note 1)
Read
Min
0
ns
Toggle and
Data# Polling
Min
10
ns
tOH
tCE
Outputs
WE#
Addresses
CE#
OE#
HIGH Z
Output Valid
HIGH Z
Addresses Stable
tRC
tACC
tOEH
tRH
tOE
tRH
0 V
RY/BY#
RESET#
tDF
Figure 14.
Read Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com