Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV640ML Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # LV640ML
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

LV640ML Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button LV640ML Datasheet HTML 28Page - Advanced Micro Devices LV640ML Datasheet HTML 29Page - Advanced Micro Devices LV640ML Datasheet HTML 30Page - Advanced Micro Devices LV640ML Datasheet HTML 31Page - Advanced Micro Devices LV640ML Datasheet HTML 32Page - Advanced Micro Devices LV640ML Datasheet HTML 33Page - Advanced Micro Devices LV640ML Datasheet HTML 34Page - Advanced Micro Devices LV640ML Datasheet HTML 35Page - Advanced Micro Devices LV640ML Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
30
Am29LV640MT/B
26190C8 February 1, 2007
D A TA
SH EE T
the write buffer. DQ7, DQ6, DQ5, and DQ1 should be
monitored to determine the device status during Write
Buffer Programming.
The write-buffer programming operation can be sus-
pended using the standard program suspend/resume
commands. Upon successful completion of the Write
Buffer Programming operation, the device is ready to
execute the next command.
The Write Buffer Programming Sequence can be
aborted in the following ways:
■ Load a value that is greater than the page buffer
size during the Number of Locations to Program
step.
■ Write to an address in a sector different than the
one specified during the Write-Buffer-Load com-
mand.
■ Write an Address/Data pair to a different
write-buffer-page than the one selected by the
Starting Address during the write buffer data load-
ing stage of the operation.
■ Write data other than the Confirm Command after
the specified number of data load cycles.
The abort condition is indicated by DQ1 = 1, DQ7 =
DATA# (for the last address location loaded), DQ6 =
toggle, and DQ5=0. A Write-to-Buffer-Abort Reset
command sequence must be written to reset the de-
vice for the next operation. Note that the full 3-cycle
Write-to-Buffer-Abort Reset command sequence is re-
quired when using Write-Buffer-Programming features
in Unlock Bypass mode.
Accelerated Program
The device offers accelerated program operations
through the WP#/ACC pin. When the system asserts
V
HH on the WP#/ACC pin, the device automatically en-
ters the Unlock Bypass mode. The system can then
write the two-cycle Unlock Bypass program command
sequence. The device uses the higher voltage on the
WP#/ACC pin to accelerate the operation. Note that
the WP#/ACC pin must not be at V
HH for operations
other than accelerated programming, or device dam-
age can result. In addition, no external pullup is neces-
sary since the WP#/ACC pin has internal pullup to
V
CC.
Figure 5 illustrates the algorithm for the program oper-
ation. See the table, Erase and Program Operations
on page 48 in AC Characteristics for parameters, and
Figure 17 for timing diagrams.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com