Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV640ML Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # LV640ML
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

LV640ML Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button LV640ML Datasheet HTML 41Page - Advanced Micro Devices LV640ML Datasheet HTML 42Page - Advanced Micro Devices LV640ML Datasheet HTML 43Page - Advanced Micro Devices LV640ML Datasheet HTML 44Page - Advanced Micro Devices LV640ML Datasheet HTML 45Page - Advanced Micro Devices LV640ML Datasheet HTML 46Page - Advanced Micro Devices LV640ML Datasheet HTML 47Page - Advanced Micro Devices LV640ML Datasheet HTML 48Page - Advanced Micro Devices LV640ML Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
February 1, 2007 26190C8
Am29LV640MT/B
43
D A TA
SH EET
DC CHARACTERISTICS
CMOS Compatible
Notes:
1.
On the WP#/ACC pin only, the maximum input load current when
WP# = V
IL is ± 5.0 µA.
2.
The ICC current listed is typically less than 2 mA/MHz, with OE# at
V
IH.
3.
Maximum I
CC specifications are tested with VCC = VCCmax.
4.
ICC active while Embedded Erase or Embedded Program is in
progress.
5.
Automatic sleep mode enables the low power mode when
addresses remain stable for tACC + 30 ns.
6.
Not 100% tested.
7.
Includes RY/BY#
Parameter
Symbol
Parameter Description
(Notes)
Test Conditions
Min
Typ
Max
Unit
I
LI
Input Load Current (1)
V
IN = VSS to VCC,
VCC = VCC max
±1.0
µA
ILIT
A9, ACC Input Load Current
VCC = VCC max; A9 = 12.5 V
35
µA
ILO
Output Leakage Current
VOUT = VSS to VCC,
V
CC = VCC max
±1.0
µA
I
LR
Reset Leakage Current
V
CC = VCC max; RESET= 12.5 V
35
µA
ICC1
V
CC Active Read Current
(2, 3)
CE# = VIL, OE# = VIH,
5 MHz
15
20
mA
1 MHz
15
20
I
CC2
V
CC Initial Page Read Current (2, 3)CE# = VIL, OE# = VIH
30
50
mA
I
CC3
V
CC Intra-Page Read Current (2, 3)CE# = VIL, OE# = VIH
10
20
mA
I
CC4
V
CC Active Write Current (3, 4)CE# = VIL, OE# = VIH
50
60
mA
ICC5
VCC Standby Current (3)
CE#, RESET# = V
CC ± 0.3 V,
WP# = VIH
15
µA
ICC6
VCC Reset Current (3)
RESET# = VSS ± 0.3 V, WP# = VIH
15
µA
I
CC7
Automatic Sleep Mode (3, 5)
VIH = VCC ± 0.3 V;
VIL = VSS ± 0.3 V, WP# = VIH
15
µA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
1.9
VCC + 0.5
V
VID
Voltage for Autoselect and Temporary
Sector Unprotect
VCC = 2.7 –3.6 V
11.5
12.5
V
V
OL
Output Low Voltage
I
OL = 4.0 mA, VCC = VCC min
0.15 x V
CC
V
V
OH1
Output High Voltage
I
OH = –2.0 mA, VCC = VCC min
0.85 V
CC
V
V
OH2
I
OH = –100 µA, VCC = VCC min
V
CC–0.4
V
V
LKO
Low V
CC Lock-Out Voltage (6)2.3
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com