Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LV640ML Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # LV640ML
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

LV640ML Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button LV640ML Datasheet HTML 8Page - Advanced Micro Devices LV640ML Datasheet HTML 9Page - Advanced Micro Devices LV640ML Datasheet HTML 10Page - Advanced Micro Devices LV640ML Datasheet HTML 11Page - Advanced Micro Devices LV640ML Datasheet HTML 12Page - Advanced Micro Devices LV640ML Datasheet HTML 13Page - Advanced Micro Devices LV640ML Datasheet HTML 14Page - Advanced Micro Devices LV640ML Datasheet HTML 15Page - Advanced Micro Devices LV640ML Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 66 page
background image
10
Am29LV640MT/B
26190C8 February 1, 2007
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Am29LV640M
T
120R
PC
I
TEMPERATURE RANGE
F
=
Industrial (-40
°C to +85°C) with Pb-free Package
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048)
PC
=
64-Ball Fortified Ball Grid Array
1.0 mm pitch, 13 x 11 mm package (LAA064)
WH
=
63-Ball Fine Pitch Ball Grid Array
0.80 mm pitch, 12 x 11 mm package (FBE063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE AND WP# PROTECTION (WP# = V
IL)
T
=
Top boot sector device, top two address sectors protected
B
=
Bottom boot sector device, bottom two address sectors protected
DEVICE NUMBER/DESCRIPTION
Am29LV640M
64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit
™ Boot Sector Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for
TSOP Package
Speed
(ns)
V
CC
Range
Valid Combinations for
BGA Packages
Speed
(ns)
V
CC
Range
Order Number
Package
Marking
Order Number
Package
Marking
Am29LV640MT90R,
Am29LV640MB90R
EI
EF
90
3.0–
3.6 V
Am29LV640MT90R
WHI
L640MT90RI
Am29LV640MT90R
WHF
L640MT90RF
90
3.0–
3.6 V
PCI
L640MT90NI
PCF
L640MT90NF
Am29LV640MT100,
Am29LV640MB100
100
2.7–
3.6 V
Am29LV640MB90R
WHI
L640MB90RI
Am29LV640MB90R
WHF
L640MB90RF
PCI
L640MB90NI
PCF
L640MB90NF
Am29LV640MT110,
Am29LV640MB110
110
Am29LV640MT100
WHI
L640MT10VI
Am29LV640MT100
WHF
L640MT10VF
100
2.7–
3.6 V
PCI
L640MT10PI
PCF
L640MT10PF
Am29LV640MT120,
Am29LV640MB120
120
Am29LV640MB100
WHI
L640MB10VI
Am29LV640MB100
WHF
L640MB10VF
PCI
L640MB10PI
PCF
L640MB10PF
Am29LV640MT100R,
Am29LV640MB100R
100
3.0–
3.6 V
Am29LV640MT110
WHI
L640MT11VI
Am29LV640MT110
WHF
L640MT11VF
110
PCI
L640MT11PI
PCF
L640MT11PF
Am29LV640MT110R,
Am29LV640MB110R
110
Am29LV640MB110
WHI
L640MB11VI
Am29LV640MB110
WHF
L640MB11VF
PCI
L640MB11PI
PCF
L640MB11PF
Am29LV640MT120R,
Am29LV640MB120R
120
Am29LV640MT120
WHI
L640MT12VI
Am29LV640MT120
WHF
L640MT12VF
120
PCI
L640MT12PI
PCF
L640MT12PF
Am29LV640MB120
WHI
L640MB12VI
Am29LV640MB120
WHF
L640MB12VF
Valid Combinations
Valid Combinations list configura-
tions planned to be supported in vol-
ume for this device. Consult the local
AMD sales office to confirm availabil-
ity of specific valid combinations and
to check on newly released combina-
tions.
PCI
L640MB12PI
PCF
L640MB12PF
Am29LV640MT100R
WHI
L640MT10RI
Am29LV640MT100R
WHF
L640MT10RF
100
3.0–
3.6 V
PCI
L640MT10NI
PCF
L640MT10NF
Am29LV640MB100R
WHI
L640MB10RI
Am29LV640MB100R
WHF
L640MB10RF
PCI
L640MB10NI
PCF
L640MB10NF
Am29LV640MT110R
WHI
L640MT11RI
Am29LV640MT110R
WHF
L640MT11RF
110
PCI
L640MT11NI
PCF
L640MT11NF
Am29LV640MB110R
WHI
L640MB11RI
Am29LV640MB110R
WHF
L640MB11RF
PCI
L640MB11NI
PCF
L640MB11NF
Am29LV640MT120R
WHI
L640MT12RI
Am29LV640MT120R
WHF
L640MT12RF
120
PCI
L640MT12NI
PCF
L640MT12NF
Am29LV640MB120R
WHI
L640MB12RI
Am29LV640MB120R
WHF
L640MB12RF
PCI
L640MB12NI
PCF
L640MB12NF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com