Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7825AVPBF Datasheet(PDF) 4 Page - Analog Devices

Part # LTC7825AVPBF
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7825AVPBF Datasheet(HTML) 4 Page - Analog Devices

  LTC7825AVPBF Datasheet HTML 1Page - Analog Devices LTC7825AVPBF Datasheet HTML 2Page - Analog Devices LTC7825AVPBF Datasheet HTML 3Page - Analog Devices LTC7825AVPBF Datasheet HTML 4Page - Analog Devices LTC7825AVPBF Datasheet HTML 5Page - Analog Devices LTC7825AVPBF Datasheet HTML 6Page - Analog Devices LTC7825AVPBF Datasheet HTML 7Page - Analog Devices LTC7825AVPBF Datasheet HTML 8Page - Analog Devices LTC7825AVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LTC7825
4
Rev. A
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IHYS_PRGM
HYS_PRGM Setting Current
9
10
11
µA
VVLOW_FAULT
(LTC7825)
VLOW Voltage Fault Level
VVHIGH = 12V, VHYS_PRGM = 1V
VVLOW Ramping Up
VVLOW Ramping Down
6.2
5.8
V
V
VVHIGH = 16V, VHYS_PRGM = INTVCC
VVLOW Ramping Up
VLOW Ramping Down
8.4
7.6
V
V
VVHIGH = 8V, VHYS_PRGM = 0V
VVLOW Ramping Up
VVLOW Ramping Down
4.24
3.76
V
V
OVG
VOVG_VHIGH
OVG to VHIGH
OVG On
4
V
VOV
VHIGH Overvoltage Threshold
VHIGH Rising
26
V
VOV_HYS
VHIGH Overvoltage Hysteresis
Hysteresis
3.2
V
TIMER Current
ITIMER
VTIMER < 0.5V or VTIMER > 1V
4
µA
0.5V < VTIMER < 1V
8
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC7825A is specified over the –40C to 125C operating
junction temperature range. High junction temperatures degrade operating
lifetimes. Note the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula: TJ = TA + (PD • JA).
Note 4: All currents into device pins are positive; all currents out of
device pins are negative. All voltages are referenced to ground unless
otherwise specified.
Note 5: When VCC > 6V, EXTVCC is recommended to reduce
IC Temperature.
Note 6: EXTVCC is enabled only if VCC is higher than 6V.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 12V, VRUN = 5V, unless otherwise specified. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com