Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7825AVPBF Datasheet(PDF) 10 Page - Analog Devices

Part # LTC7825AVPBF
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7825AVPBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC7825AVPBF Datasheet HTML 6Page - Analog Devices LTC7825AVPBF Datasheet HTML 7Page - Analog Devices LTC7825AVPBF Datasheet HTML 8Page - Analog Devices LTC7825AVPBF Datasheet HTML 9Page - Analog Devices LTC7825AVPBF Datasheet HTML 10Page - Analog Devices LTC7825AVPBF Datasheet HTML 11Page - Analog Devices LTC7825AVPBF Datasheet HTML 12Page - Analog Devices LTC7825AVPBF Datasheet HTML 13Page - Analog Devices LTC7825AVPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LTC7825
10
Rev. A
For more information www.analog.com
OVERCURRENT PROTECTION
During the steady-state operation, the VLOW voltage drops
linearly as load current increases. The overcurrent pro-
tection can be set by choosing different VLOW to VHIGH/2
windows controlled by HYS_PRGM pin. If overcurrent
fault is triggered, the LTC7825 stops switching and will
retry to start up.
In practice, the VLOW voltage valley is impacted by switch-
ing frequency and CFLY/COUT. To set the correct hysteresis
window, measure the VLOW voltage at full load and maxi-
mum switching ripple. Although the LTC7825 is designed
to optimize efficiency around 10A load, there is no strict
limit on the output current. As long as the hysteresis win-
dow on the VLOW is large enough, the LTC7825 can sup-
ply more than 12A load current with heat sinks or forced
air flow. Refer to the Typical Performance Characteristics
section for an example of HYS_PRGM setting.
FREQUENCY SELECTION (FREQ PIN)
The selection of switching frequency is a trade-off between
efficiency and component size. Low frequency operation
increases efficiency by reducing MOSFET switching losses
but requires larger capacitance to maintain low output rip-
ple voltage and low output impedance. The FREQ pin can
be used to program the converter’s operating frequency
from 100kHz to 1.4MHz. There is a precision 10µA current
flowing out of the FREQ pin, so the user can program the
converter’s switching frequency with a single resistor to
SGND. The voltage on the FREQ pin is equal to the resis-
tance multiplied by 10μA current (e.g., the voltage is 1V
with a 100k resistor from the FREQ pin to GND). A curve
is provided in Figure 1 showing the relationship between
the voltage on the FREQ pin and switching frequency. Tie
FREQ pin to SGND/INTVCC enables the default switching
frequency of 300kHz/600kHz.
OPERATION
Figure 1. Relationship Between Switching
Frequency and Voltage at FREQ Pin
FREQ PIN VOLTAGE (V)
0
1
2
3
4
5
0
200
400
600
800
1000
1200
1400
1600
78251 F01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com