Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7825AVPBF Datasheet(PDF) 1 Page - Analog Devices

Part # LTC7825AVPBF
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7825AVPBF Datasheet(HTML) 1 Page - Analog Devices

  LTC7825AVPBF Datasheet HTML 1Page - Analog Devices LTC7825AVPBF Datasheet HTML 2Page - Analog Devices LTC7825AVPBF Datasheet HTML 3Page - Analog Devices LTC7825AVPBF Datasheet HTML 4Page - Analog Devices LTC7825AVPBF Datasheet HTML 5Page - Analog Devices LTC7825AVPBF Datasheet HTML 6Page - Analog Devices LTC7825AVPBF Datasheet HTML 7Page - Analog Devices LTC7825AVPBF Datasheet HTML 8Page - Analog Devices LTC7825AVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LTC7825
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Fully Integrated 24V/12A Switched Capacitor
DC/DC Converter with Overvoltage and
Overcurrent Protections
The LTC®7825 is a fully integrated monolithic DC/DC con-
verter. It achieves very high efficiency with a switched
capacitor architecture in applications with 2:1 input to
output voltage ratio. The LTC7825 input can survive volt-
age transient up to 40V when protected by an optional
MOSFET between VIN and VHIGH. The input and output
are fully disconnected during short-circuit conditions.
The LTC7825 features integrated bootstrap diodes and
provides a compact and cost-effective solution for high
power intermediate bus applications requiring current
limit protections.
The LTC7825 operating switching frequency can be lin-
early programmed from 100kHz to 1.4MHz. The part is
available in a 4mm × 5mm LGA (LQFN) package.
Efficiency and Power Loss
vs Load Current
APPLICATIONS
n
Wide VHIGH/VLOW Voltage from 0V/0V to 24V/12V
n
Wide VCC Supply Range from 4.5V to 38V
n
Very High Efficiency: 97% at 10A Load
n
Input Overvoltage Protection with External
Overvoltage Protection MOSFET
n
Input and Output Short-Circuit Protection
n
Soft Start-Up into Steady-State Operation
n
EXTVCC Capable of 5V to 14V Input for High Efficiency
n
Inrush Current Limit and Protection
n
Integrated Bootstrap Diodes
n
Programmable Operating Frequency from
100kHz to 1.4MHz
n
Available in a 4mm × 5mm LGA (LQFN) Package
n
Consumer Electronics
n
Industrial Applications
n
Battery Applications
All registered trademarks and trademarks are the property of their respective owners.
VHIGH
CFLY
120µF
4.7µF
SGND
EXTVCC
FAULT
TIMER
VCC
RUN
FREQ
INTVCC
HYS_PRGM
BOOSTH
OPTIONAL
BOOSTL
SWL
SWH
FL5V
VLOW
VOUT
0A ~ 12A
CHIGH
40µF
COUT
40µF
CLOW
60µF
CTIMER
OVG
1µF
0.1µF
0.47µF
VHIGH
CIN
VIN
20V
PGND
VOUT
VLOW
78251 TA01a
LTC7825
INTVCC
VOUT
INTVCC
INTVCC
EFFICIENCY
POWER LOSS
VHIGH = 20V
VLOW = 10V
LOAD CURRENT (A)
0
2
4
6
8
10
12
90
91
92
93
94
95
96
97
98
99
100
0
2
4
6
8
10
78251 TA01b


Similar Part No. - LTC7825AVPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7825 AD-LTC7825 Datasheet
845Kb / 19P
Fully Integrated 17V/8A Switched Capacitor 2:1 Converter Configurable as a Voltage Divider, Doubler, or Inverter
Rev. 0
More results

Similar Description - LTC7825AVPBF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Zetex Semiconductors
ZXCP330 ZETEX-ZXCP330 Datasheet
341Kb / 9P
SWITCHED CAPACITOR DC-DC CONVERTER
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Linear Technology
LTC3610 LINER-LTC3610 Datasheet
294Kb / 24P
24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
LTC3610EWPPBF LINER-LTC3610EWPPBF Datasheet
398Kb / 24P
24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
logo
List of Unclassifed Man...
ZSPM4023-12 ETC2-ZSPM4023-12 Datasheet
329Kb / 3P
24V/12A Synchronous DC/DC Buck Regulator
logo
Linear Technology
LTC3610 LINER-LTC3610_15 Datasheet
398Kb / 24P
24V, 12A Monolithic Synchronous Step-Down DC/DC Converter
logo
PULS GmbH
CD10.241 PULS-CD10.241 Datasheet
616Kb / 25P
DC/DC Converter 24V/24V, 10A, 240W
logo
Murata Manufacturing Co...
MYMGK1R812 MURATA1-MYMGK1R812 Datasheet
2Mb / 24P
MonoBKTM, 12A DC-DC Converter
2019
logo
Renesas Technology Corp
ZSPM4023-12 RENESAS-ZSPM4023-12 Datasheet
1Mb / 39P
24V/12A Synchronous DC/DC Buck Regulator
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com