Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7825AVPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LTC7825AVPBF
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7825AVPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LTC7825AVPBF Datasheet HTML 10Page - Analog Devices LTC7825AVPBF Datasheet HTML 11Page - Analog Devices LTC7825AVPBF Datasheet HTML 12Page - Analog Devices LTC7825AVPBF Datasheet HTML 13Page - Analog Devices LTC7825AVPBF Datasheet HTML 14Page - Analog Devices LTC7825AVPBF Datasheet HTML 15Page - Analog Devices LTC7825AVPBF Datasheet HTML 16Page - Analog Devices LTC7825AVPBF Datasheet HTML 17Page - Analog Devices LTC7825AVPBF Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
LTC7825
14
Rev. A
For more information www.analog.com
DESIGN EXAMPLE
As a design example using LTC7825 in a voltage divider
application, assumes VIN = 12V ~ 20V, VOUT = 6V ~ 10V,
IOUT = 10A.
The switching frequency selection is a trade-off between
switching losses and solution size. High switching fre-
quency generates high switching losses but may require
fewer flying capacitors and output capacitors. In most
applications, the best switching frequency is around
300kHz to 600kHz, therefore 500kHz is a good starting
point. Select the flying capacitors so that the ripple voltage
at the flying capacitor is around 100mV at the full-load
condition (see Equation 1).
CFLY =
IOUT
2• fSW •CFLY_RIPPLE
=
10A
2•500kHz •100mV
= 100µF
(1)
Considering the ceramic capacitance derating at 10V
DC bias voltage, twelve 10μF/X7R capacitors are paral-
leled as the flying capacitors. The worst-case RMS cur-
rent may be 40% higher than the maximum output cur-
rent. The worst-case RMS current on each capacitor is
10A • 140%/12 = 1.17A. Double check and make sure the
RMS current on each capacitor is below the ripple current
ratings and temperature rise is below the limits.
The input/output capacitor selection is similar to the fly-
ing capacitor selection. More output capacitors result
in smaller output voltage ripple and higher efficiency.
Because of the lower RMS current, the output capacitor
value can be much less than the flying capacitor. In gen-
eral, start with half the number of the flying capacitors as
the input/output capacitors. The input capacitors can be
placed from VHIGH to PGND or may be connected between
VHIGH and VLOW to serve as input/output capacitors at the
same time. However, the voltage rating of those capacitors
must be selected based on the input voltage instead of
the output voltage.
The design example is shown in Figure 3 in the Typical
Applications section. By running experimental tests, the
full-load efficiency is almost the same at 500kHz and
600kHz switching frequency. Tie FREQ pin to INTVCC for
600kHz operation. At 10A load, the VLOW is 250mV to
300mV lower than VHIGH/2, taking into account the ripple
on the VLOW, the HYS_PGRM pin is connected to INTVCC
to program a 400mV hysteresis window.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com