Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7825AVPBF Datasheet(PDF) 5 Page - Analog Devices

Part # LTC7825AVPBF
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7825AVPBF Datasheet(HTML) 5 Page - Analog Devices

  LTC7825AVPBF Datasheet HTML 1Page - Analog Devices LTC7825AVPBF Datasheet HTML 2Page - Analog Devices LTC7825AVPBF Datasheet HTML 3Page - Analog Devices LTC7825AVPBF Datasheet HTML 4Page - Analog Devices LTC7825AVPBF Datasheet HTML 5Page - Analog Devices LTC7825AVPBF Datasheet HTML 6Page - Analog Devices LTC7825AVPBF Datasheet HTML 7Page - Analog Devices LTC7825AVPBF Datasheet HTML 8Page - Analog Devices LTC7825AVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LTC7825
5
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency and Power Loss vs Load
20VIN Voltage Divider in Figure 3
VLOW and VOUT Load Regulation
20VIN Voltage Divider in Figure 3
Efficiency and Power Loss vs Load
16VIN Voltage Divider in Figure 3
VLOW and VOUT Load Regulation
16VIN Voltage Divider in Figure 3
Efficiency and Power Loss vs Load
12VIN Voltage Divider in Figure 3
VLOW and VOUT Load Regulation
12VIN Voltage Divider in Figure 3
Efficiency and Power Loss vs Load
20VIN Voltage Divider in Figure 4
VLOW and VOUT Load Regulation
20VIN Voltage Divider in Figure 4
Efficiency and Power Loss vs Load
16VIN Voltage Divider in Figure 4
TA = 25°C, unless otherwise noted.
EFFICIENCY
POWER LOSS
fSW = 600kHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
90
91
92
93
94
95
96
97
98
99
100
0
1
2
3
4
5
78251 G01
fSW = 600kHz
VLOW
VOUT
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
9.6
9.7
9.8
9.9
10.0
10.1
20Vin Voltage Divider in Figure 3
78251 G02
EFFICIENCY
POWER LOSS
fSW = 600kHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
90
91
92
93
94
95
96
97
98
99
100
0
1
2
3
4
5
78251 G03
fSW = 600kHz
VLOW
VOUT
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
7.6
7.7
7.8
7.9
8.0
8.1
78251 G04
EFFICIENCY
POWER LOSS
fSW = 600kHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
90
91
92
93
94
95
96
97
98
99
100
0
1
2
3
4
5
78251 G05
fSW = 600kHz
VLOW
VOUT
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
5.6
5.7
5.8
5.9
6.0
6.1
12Vin Voltage Divider in Figure 3
78251 G06
EFFICIENCY
POWER LOSS
fSW = 1MHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
90
91
92
93
94
95
96
97
98
99
100
0
1
2
3
4
5
78251 G07
fSW = 1MHz
VLOW
VOUT
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
9.6
9.7
9.8
9.9
10.0
10.1
78251 G08
EFFICIENCY
POWER LOSS
fSW = 1MHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
9 10
90
91
92
93
94
95
96
97
98
99
100
0
1
2
3
4
5
78251 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com