Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7825AVPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LTC7825AVPBF
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7825AVPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC7825AVPBF Datasheet HTML 9Page - Analog Devices LTC7825AVPBF Datasheet HTML 10Page - Analog Devices LTC7825AVPBF Datasheet HTML 11Page - Analog Devices LTC7825AVPBF Datasheet HTML 12Page - Analog Devices LTC7825AVPBF Datasheet HTML 13Page - Analog Devices LTC7825AVPBF Datasheet HTML 14Page - Analog Devices LTC7825AVPBF Datasheet HTML 15Page - Analog Devices LTC7825AVPBF Datasheet HTML 16Page - Analog Devices LTC7825AVPBF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LTC7825
13
Rev. A
For more information www.analog.com
VOLTAGE DOUBLER AND INVERTER APPLICATIONS
The LTC7825 may be used as a voltage doubler or volt-
age inverter. In voltage doubler applications, VLOW is the
input and VHIGH is the output. In voltage inverter applica-
tions, VHIGH is the input, VLOW is the ground and PGND is
the negative output. In the doubler and inverter applica-
tions, the LTC7825 can start-up without capacitor inrush
charging current if the input voltage is ramping slowly up
from zero. As long as the input voltage ramps up slowly
(in milliseconds), the output voltage can track the input
voltage and the voltage difference between capacitors is
always small, minimizing inrush current. Slew rate control
of the input voltage can be achieved by using a discon-
nect MOSFET at the input or using Hot Swap controllers.
Unlike voltage dividers, the voltage doubler and inverter
applications have to start up from zero input voltage every
time, but they can start up with heavy initial load currents.
INPUT/OUTPUT CAPACITOR AND FLYING CAPACITOR
SELECTION
In high power switched capacitor applications, large AC
currents flow through the flying capacitors and input/out-
put capacitors. Low ESR ceramic capacitors are highly
recommended for high power switched capacitor applica-
tions. Make sure the maximum RMS capacitor current is
within the spec or higher rated capacitors are preferred.
Note that capacitor manufacturers’ ripple current ratings
are often based on only 2000 hours of life. This makes
it advisable to further derate the capacitor, or to choose
capacitors rated at a higher temperature than required.
Several capacitors may be paralleled to meet size or
height requirements in the design.
The input capacitor RMS current is approximately half of
the load current. The input capacitor has to be selected to
accommodate the maximum load conditions.
PC BOARD LAYOUT CHECKLIST
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the IC.
1. Are the exposed pad SGND/VLOW/VOUT solidly con-
nected to the corresponding pins on the PCB?
2. Are all the capacitors CFLY/CLOW/COUT close to the IC?
The PCB trace to those capacitors should be wide
enough to handle large load currents.
3. Is the INTVCC bypassing capacitor connected close to
the IC, between the INTVCC and ground plane?
4. Are the PCB traces to VHIGH/VLOW/PGND wide enough
to handle large load currents?
5. In the cases of a multilayer board, are there enough
thermal vias on the VHIGH/VOUT/PGND plane?
Refer to the standard demo board design on here for the
PCB layout examples.
APPLICATIONS INFORMATION
78251 F05
FAULT
LOW
4µA CHARGE
TIMER PIN
4µA CHARGE
TIMER PIN
8µA CHARGE
TIMER PIN
0.5V
1.0V
3V
PRE-BALANCE TIME
FAULT
RELEASE
Figure 2. Timer Behavior During Fault or Start-Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com