Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7825AVPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LTC7825AVPBF
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7825AVPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LTC7825AVPBF Datasheet HTML 11Page - Analog Devices LTC7825AVPBF Datasheet HTML 12Page - Analog Devices LTC7825AVPBF Datasheet HTML 13Page - Analog Devices LTC7825AVPBF Datasheet HTML 14Page - Analog Devices LTC7825AVPBF Datasheet HTML 15Page - Analog Devices LTC7825AVPBF Datasheet HTML 16Page - Analog Devices LTC7825AVPBF Datasheet HTML 17Page - Analog Devices LTC7825AVPBF Datasheet HTML 18Page - Analog Devices LTC7825AVPBF Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
LTC7825
19
Rev. A
For more information www.analog.com
 ANALOG DEVICES, INC. 2023
10/23
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTC7820
Fixed Ratio High Power Inductorless (Charge Pump)
6V < VIN ≤ 72V, Fixed 50% Duty Cycle, 100kHz to 1MHz Switching
Frequency, 4mm × 5mm UFD Package
LTC7821
80V, Hybrid Step-Down Synchronous Controller
10V < VIN ≤ 72V, 0.8V < VOUT ≤ VIN/2, 50kHz to 1.7MHz Switching
Frequency, 5mm × 5mm UH Package
LTC3890/LTC3890-1/
LTC3890-2/LTC3890-3
60V Dual 2-Phase Synchronous Step-Down DC/DC
Controller with 99% Duty Cycle
4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V, IQ = 50µA, PLL Fixed Frequency
50kHz to 900kHz
LTC7801
150V Synchronous Step-Down DC/DC Controller
4.5V ≤ VIN ≤ 140V, 150VP-P, 0.8V ≤ VOUT ≤ 60V, IQ = 40µA, PLL Fixed
Frequency 50kHz to 900kHz, 24-Lead 4mm × 5mm QFN or TSSOP
LTC3255
48V Fault Protected 50mA Step-Down Charge Pump
4V ≤ VIN ≤ 48V, 2.4V ≤ VOUT ≤ 12.5V, IQ = 20µA, 3mm × 3mm DFN-10,
MSOP-10
LTC7802
40V Dual 3MHz 2-Phase Synchronous Step-Down
Controller with Spread Spectrum
4.5V ≤ VIN ≤ 40V, VOUT Up to 40V, IQ = 12µA, Fixed Frequency 100kHz
to 3MHz, 16-Pin 3mm × 3mm QFN and MSOP
LTC7803
40V 3MHz Synchronous Step-Down Controller with
Spread Spectrum
4.5V ≤ VIN ≤ 40V, VOUT Up to 40V, IQ = 12µA, Fixed Frequency 100kHz
to 3MHz, 4mm × 5mm QFN-28
Figure 5. High Efficiency 24V to 12V, 10A Voltage Divider with Overvoltage MOSFET at Input
INTVCC
INTVCC
RUN
VCC
FAULT
INTVCC
TIMER
FREQ
HYS_PRGM
VHIGH
BOOSTH
SWH
SWH
FL5V
BOOSTL
VLOW
VOUT
4.7µF
COPT
10µF
×4
CFLY
10µF
×12
VIN
24V
VOUT
12V
10A
10µF
1
100k
0.1µF
FAULT
SGND
PGND
78251 F05
OVG
COUT
10µF
×4
1µF
0.1µF
0.1µF
0.1µF
CHIGH
10µF
×4
BSZ034N04LS
5
CLOW
10µF
×4
EXTVCC
LTC7825
INTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com