Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7825AVPBF Datasheet(PDF) 12 Page - Analog Devices

Part # LTC7825AVPBF
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7825AVPBF Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC7825AVPBF Datasheet HTML 8Page - Analog Devices LTC7825AVPBF Datasheet HTML 9Page - Analog Devices LTC7825AVPBF Datasheet HTML 10Page - Analog Devices LTC7825AVPBF Datasheet HTML 11Page - Analog Devices LTC7825AVPBF Datasheet HTML 12Page - Analog Devices LTC7825AVPBF Datasheet HTML 13Page - Analog Devices LTC7825AVPBF Datasheet HTML 14Page - Analog Devices LTC7825AVPBF Datasheet HTML 15Page - Analog Devices LTC7825AVPBF Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
LTC7825
12
Rev. A
For more information www.analog.com
EXTVCC allows the MOSFET driver and control power to be
derived from other high efficiency sources such as VLOW
pin of a 20V to 10V voltage divider or other voltage rails
in the system. Using EXTVCC can significantly reduce the
IC temperature rise and improve the system efficiency in
high VIN applications. Do not apply more than 13V to the
EXTVCC pin.
FLOAT MOSFET DRIVER SUPPLY (CB)
External bootstrap capacitors CB1/CB2/CB3, connected to
the BOOST pins, supply the gate drive voltages for the
internal power MOSFETs. Capacitors in the Functional
Diagram are charged though internal diodes from
INTVCC. Typically, 0.1µF X7R is adequate for the boot-
strap capacitor.
UNDERVOLTAGE LOCKOUT
The LTC7825 has a precision UVLO comparator con-
stantly monitoring the INTVCC voltage to ensure that an
adequate gate-drive voltage is present. It locks out the
switching action when INTVCC is below 3.9V. To prevent
oscillation when there is a disturbance on the INTVCC, the
UVLO comparator has 300mV hysteresis.
INPUT DISCONNECT MOSFET AND OVG CONTROL
The LTC7825 features the optional input disconnect pro-
tection. This feature uses an external N-channel MOSFET,
the gate of which is connected to the OVG pin. The OVG
pin turns the MOSFET on and off. In normal operation, the
OVG pin voltage is 4V higher than the VHIGH pin regulated
by an internal charge pump. If the VHIGH pin voltage is
higher than 26V, the OVG pin is pulled down to VHIGH to
turn off the external MOSFET, and switching stops. The
LTC7825 can survive at an input transient voltage as high
as 40V which is limited by the VCC pin maximum voltage
rating. Refer to the Typical Performance Characteristics
section for the example of input overvoltage protection.
If the input voltage is always below 24V and the input
disconnect feature is not needed, let the OVG pin float.
OUTPUT DISCONNECT MOSFET AND SHORT-CIRCUIT
PROTECTIONS
The output disconnect MOSFET is integrated internally
and designed to protect the output voltage during the
input short-circuit conditions. The output disconnect
MOSFET behaves like an ideal diode from the VLOW to
the VOUT pin and it is turned off when the VHIGH voltage
is lower than the VOUT voltage. During VHIGH short-circuit
conditions, the VLOW voltage will be pulled down due to
the internal body diodes from VLOW to VHIGH; the VOUT
voltage will not be pulled down. If the output disconnect
function is not needed, users may short the VLOW and
VOUT pins together on the PCB to achieve better efficiency
and thermal performances.
FAULT RESPONSE AND TIMER PIN
The LTC7825 stops switching and pulls the FAULT pin low
during fault conditions. A capacitor connected from the
TIMER pin to GND sets the time for retry and start-up if
fault conditions are removed. A typical waveform on the
TIMER pin, during a fault condition, is shown in Figure 2.
After the FAULT pin is pulled low, a 4µA pull-up current
flows out of TIMER pin and starts to charge the TIMER
capacitor. The pull-up current increases to 8µA when the
TIMER pin voltage is higher than 0.5V and back to 4µA
when the TIMER pin voltage is higher than 1.0V. The
TIMER pin will be strongly pulled down whenever the
fault conditions are removed or the TIMER pin voltage is
higher than 3V. When the TIMER pin voltage is between
0.5V and 1.0V, the internal pre-balance circuit will source
or sink current to the VLOW pin and regulate the VLOW
pin to VHIGH/2 with around 200mA/50mA capability. The
pre-balance time can be calculated based on the value of
capacitor CTIMER on the TIMER pin.
For voltage divider applications, if the flying capacitor CFLY
and the VLOW capacitor are very large and input voltage
is high, it may take several pre-balance time periods to
pre-balance the VLOW pin to VHIGH/2 with a fixed CTIMER.
A longer start-up time is expected.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com