Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7825AVPBF Datasheet(PDF) 9 Page - Analog Devices

Part # LTC7825AVPBF
Description  Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7825AVPBF Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC7825AVPBF Datasheet HTML 5Page - Analog Devices LTC7825AVPBF Datasheet HTML 6Page - Analog Devices LTC7825AVPBF Datasheet HTML 7Page - Analog Devices LTC7825AVPBF Datasheet HTML 8Page - Analog Devices LTC7825AVPBF Datasheet HTML 9Page - Analog Devices LTC7825AVPBF Datasheet HTML 10Page - Analog Devices LTC7825AVPBF Datasheet HTML 11Page - Analog Devices LTC7825AVPBF Datasheet HTML 12Page - Analog Devices LTC7825AVPBF Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
LTC7825
9
Rev. A
For more information www.analog.com
OPERATION
MAIN CONTROL
The LTC7825 is a constant-frequency, open loop switched
capacitor/charge pump converter for high power and
high voltage applications. In the steady-state operation,
the internal switches are turned on and off to force the
flying capacitor between SWH and SWL either parallel
with the capacitor at VLOW or serial with the capacitor at
VLOW. When the flying capacitors and VLOW capacitors
are paralleled, the voltages on the flying capacitor and
VLOW capacitor are the same. When the flying capaci-
tors and VLOW capacitors are serial to VHIGH, the volt-
age on the flying capacitor plus the voltage on the VLOW
capacitor equals the voltage on VHIGH. So the VLOW pin
voltage is always close to half of the VHIGH voltage in the
steady state and it is not sensitive to the variable loads
due to the very low output impedance operating at a high
switching frequency. The LTC7825 does not regulate
the output voltage with a closed-loop feedback system.
However, it stops switching when fault conditions occur,
such as a VLOW pin short to GND, an overcurrent event,
and overtemperature conditions.
INTVCC/EXTVCC POWER
Power for the internal quad N-channel MOSFET driv-
ers and most other internal circuitry is derived from the
INTVCC pin. Normally an internal 4.5V linear regulator
supplies INTVCC power from VCC. If VCC is connected to
a high input voltage, an optional external voltage source
may be connected to the EXTVCC pin, enabling the second
4.5V linear regulator and supplying INTVCC power from
the EXTVCC pin. To enable the linear regulator under the
EXTVCC pin, VCC has to be higher than 6V and the EXTVCC
pin voltage has to be higher than 5V. Do not exceed 13V
on the EXTVCC pin. Each top MOSFET driver is biased
from the floating bootstrap capacitors CB, which normally
recharge during each off cycle through an internal diode
when the respective top MOSFET turns off.
START-UP AND SHUTDOWN (RUN)
The LTC7825 is in the shutdown mode when the RUN
pin is pulled down. In shutdown mode, most internal cir-
cuitry is turned off including the INTVCC regulator and the
LTC7825 consumes less than 30μA current. All internal
N-channel MOSFETs are actively turned off. Releasing
RUN allows an internal 1µA current to pull-up this pin
and enable the converter. Alternately, the RUN pin may
be externally pulled up or driven directly by logic. Do not
exceed the absolute maximum rating of 6V on this pin.
After RUN is released and the INTVCC voltage passes
UVLO, the LTC7825 starts up and monitors the VHIGH and
VLOW voltage continuously. The LTC7825 starts switching
and provides full power only if VLOW voltage is close to
half of VHIGH voltage or both VLOW and VHIGH voltages are
close to ground. In voltage divider applications, VLOW is
pre-balanced to half the VHIGH voltage and the LTC7825
may start-up with VLOW at different initial conditions.
FAULT PROTECTION AND THERMAL SHUTDOWN
The LTC7825 monitors system voltage, current and tem-
perature for fault protections. It will stop switching and
pull the FAULT pin down when fault conditions occur. To
clear VLOW voltage faults, the VLOW pin voltage has to
be within the programmed window around VHIGH/2 or
the VHIGH/VLOW voltages must be lower than 1V/0.5V. To
clear VHIGH over voltage fault, the VHIGH voltage must be
lower than 26V and OVG must be 4V higher than VHIGH.
To clear temperature faults, the IC temperature has to be
lower than 165°C.
The FAULT pin is allowed to be pulled up by an external
resistor to sources of up to 25V. It can be used to control
external disconnect MOSFETs, which isolate the input and
output during fault conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com