Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C524IFA Datasheet(PDF) 53 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 49Page - NXP Semiconductors P83C524IFA Datasheet HTML 50Page - NXP Semiconductors P83C524IFA Datasheet HTML 51Page - NXP Semiconductors P83C524IFA Datasheet HTML 52Page - NXP Semiconductors P83C524IFA Datasheet HTML 53Page - NXP Semiconductors P83C524IFA Datasheet HTML 54Page - NXP Semiconductors P83C524IFA Datasheet HTML 55Page - NXP Semiconductors P83C524IFA Datasheet HTML 56Page - NXP Semiconductors P83C524IFA Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
1997 Dec 15
53
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
20 DC CHARACTERISTICS
VDD =5V ± 10%; VSS =0V;Tamb = 0 to +70°C; −40 to +85°C. All voltages with respect to VSS unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Supply
VDD
supply voltage range
4.5
5.5
V
IDD
supply current operating modes,
note 1
VDDmax, 16 MHz
VDDmax, 24 MHz
−
33
43
mA
mA
IID
supply current Idle mode, note 2
VDDmax, 16 MHz
VDDmax, 24MHz
−
6
7.5
mA
mA
IPD
supply current Power
−down mode
2 V
≤ VDD ≤ VDDmax; note 3
−
100
µA
Inputs
VIL
LOW level input voltage
(except EA, P1.6, P1.7)
−0.5
0.2 VDD−0.1
V
VIL1
LOW level input voltage EA
−0.5
0.2 VDD−0.3
V
VIL2
LOW level input voltage P1.6, P1.7
note 6
−0.5
0.3 VDD
V
VIH
HIGH level input voltage
(except RST, XTAL1, P1.6, P1.7)
0.2 VDD +0.9 VDD +0.5
V
VIH1
HIGH level input voltage RST, XTAL1
0.7 VDD
VDD +0.5
V
VIH2
HIGH level input voltage P1.6, P1.7
note 6
0.7 VDD
5.5
V
IIL
LOW level input current
Ports 1, 2 and 3
(except P1.6 and P1.7)
VI = 0.45 V
−−50
µA
ITL
input current HIGH-to-LOW transition
Ports 1, 2 and 3
(except P1.6 and P1.7)
VI = 2.0 V
−−650
µA
ILI1
input leakage current Port 0, EA
0.45
< VI < VDD
−±10
µA
ILI2
input leakage current P1.6 and P1.7
0 V
< VI < 5.5 V
0V
< VDD < 5.5 V
−±10
µA
Outputs
VOL
LOW level output voltage
Ports 1, 2 and 3
(except P1.6 and P1.7)
IOL = 1.6 mA; notes 6 and 7
−
0.45
V
VOL1
LOW level output voltage
Port 0, ALE, PSEN
IOL = 3.2 mA; notes 4 and 7
−
0.45
V
VOL2
LOW level output voltage
P1.6 and P1.7
IOL = 3.0 mA; note 7
−
0.40
V
VOH
HIGH level output voltage
Ports 1, 2 and 3
(except P1.6 and P1.7)
IOH = −60 µA;
VDD =5V ±10%
IOH = −25 µA
IOH = −10 µA
2.4
0.75 VDD
0.9 VDD
−
−
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com