Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C524IFA Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 23Page - NXP Semiconductors P83C524IFA Datasheet HTML 24Page - NXP Semiconductors P83C524IFA Datasheet HTML 25Page - NXP Semiconductors P83C524IFA Datasheet HTML 26Page - NXP Semiconductors P83C524IFA Datasheet HTML 27Page - NXP Semiconductors P83C524IFA Datasheet HTML 28Page - NXP Semiconductors P83C524IFA Datasheet HTML 29Page - NXP Semiconductors P83C524IFA Datasheet HTML 30Page - NXP Semiconductors P83C524IFA Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
1997 Dec 15
27
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
11.2.2
CAPTURE MODE
In the capture mode (see Fig.14) there are two options
which are selected by bit EXEN2 in T2CON. If EXEN2 = 0,
then Timer 2 is a 16-bit timer/counter which on overflow
sets bit TF2 (Timer 2 overflow bit). TF2 can be used to
generate an interrupt. If EXEN2 = 1, Timer 2 operates as
above, with the added feature that a HIGH-to-LOW
transition at the external input T2EX causes the current
value in Timer 2 registers (TL2 and TH2) to be captured
into registers RCAP2L and RCAP2H, respectively. The
HIGH-to-LOW transition of T2EX also causes bit EXF2 in
T2CON to be set. EXF2 can be used to generate an
interrupt.
11.2.3
AUTOMATIC RELOAD MODE
In the automatic reload mode (see Fig.15)there are two
options which are selected by bit EXEN2 in T2CON. If
EXEN2 = 0, then a Timer 2 overflow sets TF2 and causes
the Timer 2 registers to be reloaded with the 16-bit value
in registers RCAP2L and RCAP2H, which are preset by
software.
If EXEN2 = 1, Timer 2 operates as above, with the added
feature that a HIGH-to-LOW transition at the external input
T2EX triggers the 16-bit reload and sets EXF2.
11.2.4
BAUD RATE GENERATOR MODE
The baud rate generator mode (see Fig.16) is selected by
RCLK = 1 and/or TCLK = 1 in T2CON. Overflows of either
Timer 2 or Timer 1 can be used independently for
generating baud rates for transmit and receive. The baud
rate generation by Timer 1 and/or Timer 2 is used for the
Serial Port in Mode 1 and Mode 3. The baud rate
generation mode is similar to the automatic reload mode,
in that a rollover in TH2 causes the Timer 2 registers to be
reloaded with the 16-bit value in registers RCAP2L and
RCAP2H, which are preset by software. The baud rate for
the Serial Port in Modes 1 and 3 are determined by
Timer 2's overflow rate as follows:
Timer 2 can be configured for either 'timer' or 'counter'
operation. In timer operation a prescaler divides the
oscillator frequency by 2 (by 12 in the previous modes) and
the baud rate is given by the formula:
In this mode an overflow of Timer 2 does not set TF2. If
EXEN2 = 1, a HIGH-to-LOW transition at pin T2EX sets
EXF2 and can be used to generate an interrupt.
Baud Rate
Timer 2 overflow rate
16
--------------------------------------------------------
=
Baud Rate
oscillator frequency
32
65536
RCAP2H RCAP2L
(,
)
]
–
[
×
-------------------------------------------------------------------------------------------------------
=
Fig.14 Timer 2 in capture mode.
handbook, full pagewidth
MBC468 - 1
TL2
(8 BITS)
TR2
control
TH2
(8 BITS)
RCAP2L
RCAP2H
EXF2
TF2
timer 2
interrupt
EXEN2
control
C/T2 = 1
T2 PIN
12
OSC
transition
detector
T2EX PIN
C/T2 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com