Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P83C524IFA Datasheet(PDF) 59 Page - NXP Semiconductors

Part # P83C524IFA
Description  8-bit microcontrollers
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C524IFA Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button P83C524IFA Datasheet HTML 55Page - NXP Semiconductors P83C524IFA Datasheet HTML 56Page - NXP Semiconductors P83C524IFA Datasheet HTML 57Page - NXP Semiconductors P83C524IFA Datasheet HTML 58Page - NXP Semiconductors P83C524IFA Datasheet HTML 59Page - NXP Semiconductors P83C524IFA Datasheet HTML 60Page - NXP Semiconductors P83C524IFA Datasheet HTML 61Page - NXP Semiconductors P83C524IFA Datasheet HTML 62Page - NXP Semiconductors P83C524IFA Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
1997 Dec 15
59
Philips Semiconductors
Product specification
8-bit microcontrollers
P83C524; P80C528; P83C528
23 XTAL1 CHARACTERISTICS
Oscillator circuitry: crystal capacitors: C1 = C2 = 20 pF (see Fig.31).
Table 36 External clock drive XTAL
24 SERIAL PORT CHARACTERISTICS
See Table 37 and Fig.32.
Table 37 Serial Port Timing: Shift Register Mode
VDD =5 V ±10%; VSS =0 V; Tamb =0 °C to 70 °C; Load Capacitance = 80 pF
SYMBOL
PARAMETER
VARIABLE CLOCK
UNIT
MIN.
MAX.
fCLK
clock frequency
3.5
24
MHz
tCK
clock period
42
286
ns
tHIGH
HIGH time
17
tCK − tLOW
ns
tLOW
LOW time
17
tCK − tHIGH
ns
tr
RISE time
−
5ns
tf
FALL time
−
5ns
tCY
cycle time (tCY = 12 tCK)
0.5
3.43
µs
SYMBOL
PARAMETER
24 MHZ OSCILLATOR
VARIABLE
OSCILLATOR
UNIT
MIN.
MAX.
MIN.
MAX.
tXLXL
Serial Port clock cycle time
0.5
−
12 tCK
−µs
tQVXH
output data setup to clock rising edge
283
−
10 tCK−133
−
ns
tXHQX
output data hold after clock rising edge
23
−
2 tCK−60
−
ns
tXHDX
input data hold after clock rising edge
0
−
0
−
ns
tXHDV
clock rising edge to input data valid
−
283
−
10 tCK−133
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com